Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9183QK Datasheet (PDF) - Infineon Technologies AG

TLE9183QK Datasheet PDF - Infineon Technologies AG
Part # TLE9183QK
Download  TLE9183QK Download
File Size   2203.45 Kbytes
Page   89 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Bridge Driver IC

TLE9183QK Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE9183QK Datasheet PDF - Infineon Technologies AG

Part # TLE9183QK
Download  TLE9183QK Click to download

File Size   2203.45 Kbytes
Page   89 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Bridge Driver IC

TLE9183QK Datasheet (HTML) - Infineon Technologies AG


TLE9183QK Product details

Features
• High Power 3 Phase Bridge Driver for low RDSON N-channel FETs
• 0...100% duty cycle, adjustable without restrictions
• Specified supply voltage range of 5.5 V to 40 V
• Logic operation down to 3 V supply voltage
• High robustness of motor connection pins of -15 V to 40 V
• Extended protection and supervision functionality
• Serial Peripheral Interface (SPI), control of supervision
• Supervision read out by SPI
• Reverse diode measurement of external FET for temperature detection
• Limp-home functionality of diagnostic and failure behavior with SPI
configurable content
• 3 current sense amplifiers for shunt signal conditioning
• 2 switch off paths by pins ENA and SOFF
• Low quiescent current mode by pin INH
• Compatible to 3.3 V μCs and TTL logic
• Phase voltage feedback with SPI programmable voltage thresholds
• Output for phase cut off circuit activation
• Green Product (RoHS compliant)
• AEC Qualified

PRO-SIL™ features
• According to ISO26262 ASIL-D workflow
• Safety Manual and Safety Analysis Summary Report up to VVS ≤ 28 V and VVDHP, VVDHx ≤ 28 V available
• Safety Barrier to μC interface up to VVS ≤ 28 V and VVDHP, VVDHx ≤ 28 V
• High voltage rated digital input and output pins
• Fast and functional independent disable functionality via pin SOFF
• Functional redundant disable paths via pin SOFF and ENA
• Monitoring of system relevant voltages and dedicated self-test functionality
• Secure SPI interface with CRC check over data and address
• Integrated window watchdog for μC supervision
• Functional independent current sense amplifier
• Functional independent phase feedback with SPI programmable threshold
• Passive clamping of external FETs




Similar Part No. - TLE9183QK

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9180D-21QK INFINEON-TLE9180D-21QK Datasheet
796Kb / 28P
Bridge Driver IC
Rev. 1.0 2019-03-15
TLE9180D-31QK INFINEON-TLE9180D-31QK Datasheet
796Kb / 28P
Bridge Driver IC
Rev. 1.0 2019-03-15
TLE9180D-32QK INFINEON-TLE9180D-32QK Datasheet
3Mb / 211P
Bridge Driver IC
Rev. 1.21 2023-04-30
TLE9180D21QKXUMA1 INFINEON-TLE9180D21QKXUMA1 Datasheet
796Kb / 28P
Bridge Driver IC
Rev. 1.0 2019-03-15
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
More results


Similar Description - TLE9183QK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2030T PHILIPS-UBA2030T Datasheet
94Kb / 20P
Full bridge driver IC
1999 Aug 10
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
H-Bridge Driver IC
Rev 2.2 2006-01-30
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
H-Bridge Driver IC
2006-01-30
TLE6284G INFINEON-TLE6284G_08 Datasheet
299Kb / 17P
H-Bridge Driver IC
Rev 2.4 2008-03-18
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
Half-bridge driver IC
Rev. 1.1-6 December 2011
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
Half-bridge driver IC
Rev. 1-3 September 2013
logo
Infineon Technologies A...
TLE9180D-21QK INFINEON-TLE9180D-21QK Datasheet
796Kb / 28P
Bridge Driver IC
Rev. 1.0 2019-03-15
TLE9180D-31QK INFINEON-TLE9180D-31QK Datasheet
796Kb / 28P
Bridge Driver IC
Rev. 1.0 2019-03-15
logo
Toshiba Semiconductor
TC78H620FNG TOSHIBA-TC78H620FNG Datasheet
519Kb / 15P
DUAL-BRIDGE DRIVER IC
2016-11-28
TC78H621FNG TOSHIBA-TC78H621FNG Datasheet
397Kb / 15P
DUAL-BRIDGE DRIVER IC
2017-04-10
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com