Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRF1211 Datasheet (PDF) - Microsemi Corporation

DRF1211 Datasheet PDF - Microsemi Corporation
Part # DRF1211
Download  DRF1211 Download
File Size   1810.56 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1000V, 26A, 30MHz

DRF1211 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRF1211 Datasheet PDF - Microsemi Corporation

Part # DRF1211
Download  DRF1211 Click to download

File Size   1810.56 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1000V, 26A, 30MHz

DRF1211 Datasheet (HTML) - Microsemi Corporation


DRF1211 Product details

MOSFET Driver Hybrid
The DRF1211 hybrid includes a high power gate driver and the power
MOSFET. It was designed to provide the system designer increased
flexibility and lowered cost over a non-integrated solution.

FEATURES
• Switching Frequency: DC TO 30MHz
• Low Pulse Width Distortion
• Single Power Supply
• 1V CMOS Schmitt Trigger Input 1V
Hysteresis
• Inverting Non-Inverting Select
• RoHS Compliant
• Switching Speed 3-4ns
• BVds = 1Kv
• Ids = 26A avg
• RDS(on) ≤ .55 Ohm
• PD = 1000W




Similar Part No. - DRF1211

ManufacturerPart #DatasheetDescription
logo
Dorji Industrial Group ...
DRF1212D10 DORJI-DRF1212D10 Datasheet
37Kb / 2P
Operation Manual for USB Converter Board
DRF1212D10 DORJI-DRF1212D10 Datasheet
387Kb / 12P
Low Power ISM RF Transceiver Module
DRF1212D10-043A DORJI-DRF1212D10-043A Datasheet
387Kb / 12P
Low Power ISM RF Transceiver Module
DRF1212D10-043S1 DORJI-DRF1212D10-043S1 Datasheet
387Kb / 12P
Low Power ISM RF Transceiver Module
DRF1212D10-043S2 DORJI-DRF1212D10-043S2 Datasheet
387Kb / 12P
Low Power ISM RF Transceiver Module
More results


Similar Description - DRF1211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP26N40 FAIRCHILD-FDP26N40 Datasheet
552Kb / 9P
N-Channel MOSFET 400V, 26A, 0.16廓
logo
EUROQUARTZ limited
CX18SMAT EUROQUARTZ-CX18SMAT Datasheet
99Kb / 1P
Frequency Range 30MHz ~ 50MHz
logo
Eldeco Srl
MRS94-V ELDECO-MRS94-V Datasheet
506Kb / 1P
Standard : UL - IEC 300V - 750V 30A - 26A
logo
Nell Semiconductor Co.,...
NKD26A NELLSEMI-NKD26A Datasheet
389Kb / 6P
Standard Recovery Diodes, 26A
logo
Unisonic Technologies
26N50 UTC-26N50 Datasheet
187Kb / 6P
26A, 500V N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
MRF406 NJSEMI-MRF406 Datasheet
84Kb / 1P
12.5V 30MHz Power Amplifier
logo
Schneider Electric
9065SEO5B1 SCHNEIDER-9065SEO5B1 Datasheet
55Kb / 1P
BIMETALLIC OVERLOAD RELAY 600V 26A
Dec 22, 2020
logo
First Silicon Co., Ltd
BTA26-600B FS-BTA26-600B Datasheet
444Kb / 5P
Bi-Directional Triode Thyristor (600V/26A)
logo
Shindengen Electric Mfg...
ST06-18CE SHINDENGEN-ST06-18CE Datasheet
1Mb / 6P
TVS 26A, 600W
P26F28HP2 SHINDENGEN-P26F28HP2 Datasheet
2Mb / 8P
Power MOSFETs 280V, 26A, N-channel
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com