Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2289CBD5 Datasheet (PDF) - Micrel Semiconductor

MIC2289CBD5 Datasheet PDF - Micrel Semiconductor
Part # MIC2289CBD5
Download  MIC2289CBD5 Download
File Size   273.07 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description White LED Driver Internal Schottky Diode and OVP

MIC2289CBD5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2289CBD5 Datasheet PDF - Micrel Semiconductor

Part # MIC2289CBD5
Download  MIC2289CBD5 Click to download

File Size   273.07 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description White LED Driver Internal Schottky Diode and OVP

MIC2289CBD5 Datasheet (HTML) - Micrel Semiconductor


MIC2289CBD5 Product details

General Description
The MIC2289C is a PWM (pulse width modulated), boostswitching regulator that is optimized for constant-current white LED driver applications. The MIC2289C features an internal Schottky diode and three levels of output overvoltage protection providing a small size and efficient DC/DC solution that requires only four external components.

Features
• 2.5V to 10V input voltage
• Output voltage up to 34V
• Internal Schottky diode
• 15V, 24V, 34V output OVP options
• 1.2 MHz PWM operation
• Over 500mA switch current
• 95mV feedback voltage
• <1% line and load regulation
• <1µA shutdown current
• Overtemperature protection
• UVLO
• 2mm × 2mm 8-pin MLF® package
• –40°C to +125°C junction temperature range
• For higher performance specifications see the MIC2289

Applications
• White LED driver for backlighting:
    – Cell phones
    – PDAs
    – GPS systems
    – Digital cameras
    – MP3 players
    – IP phones
• LED flashlights
• Constant current power supplies




Similar Part No. - MIC2289CBD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289C MICREL-MIC2289C Datasheet
251Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C Datasheet
252Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2289C-34BD6 MICREL-MIC2289C-34BD6 Datasheet
251Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2289C-34BD6 MICREL-MIC2289C-34BD6 Datasheet
252Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2289C-34YD6 MICREL-MIC2289C-34YD6 Datasheet
251Kb / 9P
White LED Driver Internal Schottky Diode and OVP
More results


Similar Description - MIC2289CBD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292 Datasheet
78Kb / 9P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_07 Datasheet
251Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2292C MICREL-MIC2292C Datasheet
228Kb / 9P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292_05 Datasheet
377Kb / 9P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2289 MICREL-MIC2289_11 Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_11 Datasheet
252Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292_11 Datasheet
349Kb / 10P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC3291 MICREL-MIC3291 Datasheet
830Kb / 17P
1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control
logo
Gamma Microelectronics ...
GM19371 GAMMA-GM19371 Datasheet
171Kb / 10P
BOOST WHITE LED DRIVER WITH OVP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com