Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3291 Datasheet (PDF) - Micrel Semiconductor

MIC3291 Datasheet PDF - Micrel Semiconductor
Part # MIC3291
Download  MIC3291 Download
File Size   830.81 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control

MIC3291 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC3291 Datasheet PDF - Micrel Semiconductor

Part # MIC3291
Download  MIC3291 Click to download

File Size   830.81 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control

MIC3291 Datasheet (HTML) - Micrel Semiconductor


MIC3291 Product details

General Description
The MIC3291 is a PWM switching boost regulator that is optimized for constant current white LED (WLED) driver applications. The MIC3291 features an internal Schottky diode, allowing an efficient DC/DC solution that requires only four external components.

Features
• Single wire combines 16 level linear brightness and shutdown control
• 18V / 25V OVP options supports up to four and six WLEDs
• Startup in any one of 16 brightness levels
• Internal Schottky diode
• 2.5V to 6.5V input voltage
• 1.2MHz PWM operation
• Over 500mA switch current
• 250mV reference voltage
• ±5% LED current accuracy
• <1µA shutdown current
• UVLO and over-temperature protection
• Thin SOT23-6L package option
• 2mm × 2mm leadless MLF® package option
• –40°C to +125°C junction temperature range

Applications
• Mobile handsets
• LCD handset backlighting
• Digital cameras
• Portable media players/MP3 players
• Portable applications




Similar Part No. - MIC3291

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201YME MICREL-MIC3201YME Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201YME MICREL-MIC3201YME Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201_11 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
More results


Similar Description - MIC3291

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289C MICREL-MIC2289C Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC3289 MICREL-MIC3289 Datasheet
368Kb / 13P
1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
MIC2289C MICREL-MIC2289C_07 Datasheet
251Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC3289_0706 MICREL-MIC3289_0706 Datasheet
613Kb / 16P
1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
MIC2289 MICREL-MIC2289_11 Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_11 Datasheet
252Kb / 9P
White LED Driver Internal Schottky Diode and OVP
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
White LED Driver With PWM Brightness Control
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
White LED Driver with Digital and PWM Brightness Control in Tiny Package
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
White LED Driver with PWM Brightness Control in Small Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com