Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3289 Datasheet (PDF) - Micrel Semiconductor

MIC3289 Datasheet PDF - Micrel Semiconductor
Part # MIC3289
Download  MIC3289 Download
File Size   368.25 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control

MIC3289 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC3289 Datasheet PDF - Micrel Semiconductor

Part # MIC3289
Download  MIC3289 Click to download

File Size   368.25 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control

MIC3289 Datasheet (HTML) - Micrel Semiconductor


MIC3289 Product details

General Description
The MIC3289 is a PWM boost-switching regulator that is optimized for constant-current white LED driver applications. The MIC3289 features an internal Schottky diode, allowing an efficient DC/DC solution that requires only 4 external components.
The MIC3289 allows for a single wire simple digital interface to control the dimming over 16 steps with a log scale to give better resolution at the lower currents and to better match the sensitivity of the human eye. The preprogramming feature allows the user to select any one of the 16 WLED current levels as the start-up brightness level.
The feedback voltage of the MIC3289 is only 250mV, allowing high efficiency while retaining excellent accuracy for the white LED current.
The MIC3289 implements a constant frequency 1.2MHz PWM control scheme. The high frequency PWM operation saves board space by reducing external component sizes. The 1.2MHz PWM scheme also reduces switching noise and ripple to the input power source.
The 2.5V to 6.5V input voltage range of MIC3289 allows direct operation from single cell Li Ion as well as 3- to 4-cell NiCad/NiMH/Alkaline batteries. Battery life is preserved with a low 1µA shutdown current.

Features
• Single wire combines 16 level logarithmic brightness & shutdown control
• 16V / 24V OVP options supports up to 4 & 6 WLEDs
• Start-up in any one of 16 brightness levels
• Internal Schottky diode
• 2.5V to 6.5V input voltage
• 1.2 MHz PWM operation
• Over 500mA switch current
• 250mV reference voltage
• ±5% LED current accuracy
• <1µA shutdown current
• Over temperature protection
• UVLO
• Thin SOT23-6L package option
• 2mm × 2mm leadless MLF®-8L package option
• –40°C to +125°C junction temperature range

Applications
• White/Blue LED driver for backlighting
   - Cell phones
   - PDAs
   - GPS systems
   - Digital cameras
   - Multimedia / MP3 players
• LED flashlights
• Constant current power supplies




Similar Part No. - MIC3289

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3289 MICREL-MIC3289 Datasheet
613Kb / 16P
1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
MIC3289-16YD6 MICREL-MIC3289-16YD6 Datasheet
613Kb / 16P
1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
MIC3289-16YML MICREL-MIC3289-16YML Datasheet
613Kb / 16P
1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
MIC3289-24YD6 MICREL-MIC3289-24YD6 Datasheet
613Kb / 16P
1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
MIC3289-24YML MICREL-MIC3289-24YML Datasheet
613Kb / 16P
1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
More results


Similar Description - MIC3289

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2292 MICREL-MIC2292 Datasheet
78Kb / 9P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_07 Datasheet
251Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2292C MICREL-MIC2292C Datasheet
228Kb / 9P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC3289_0706 MICREL-MIC3289_0706 Datasheet
613Kb / 16P
1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
MIC2292 MICREL-MIC2292_05 Datasheet
377Kb / 9P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2289 MICREL-MIC2289_11 Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_11 Datasheet
252Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292_11 Datasheet
349Kb / 10P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC3291 MICREL-MIC3291 Datasheet
830Kb / 17P
1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com