Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N100L-TM3-T Datasheet (PDF) - Unisonic Technologies

6N100L-TM3-T Datasheet PDF - Unisonic Technologies
Part # 6N100L-TM3-T
Download  6N100L-TM3-T Download
File Size   316.3 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6A, 1000V N-CHANNEL POWER MOSFET

6N100L-TM3-T Datasheet (PDF)

Go To PDF Page Download Datasheet
6N100L-TM3-T Datasheet PDF - Unisonic Technologies

Part # 6N100L-TM3-T
Download  6N100L-TM3-T Click to download

File Size   316.3 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6A, 1000V N-CHANNEL POWER MOSFET

6N100L-TM3-T Datasheet (HTML) - Unisonic Technologies


6N100L-TM3-T Product details

 DESCRIPTION
The UTC 6N100-FC provide excellent RDS(ON), low gate
charge and operation with low gate voltages. This device is
suitable for use as a load switch or in PWM applications.

 FEATURES
* RDS(ON) ≤ 4.0 Ω @ VGS=10V, ID=3.0A
* Fast Switching Capability
* Avalanche Energy Specified




Similar Part No. - 6N100L-TM3-T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
6N100F IXYS-6N100F Datasheet
820Kb / 4P
Power MOSFETs
More results


Similar Description - 6N100L-TM3-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU6NA100 STMICROELECTRONICS-STU6NA100 Datasheet
50Kb / 5P
N - CHANNEL 1000V - 1.45ohm - 6A - Max220 FAST POWER MOS TRANSISTOR
Jun-1998
logo
Unisonic Technologies
6N40_1109 UTC-6N40_1109 Datasheet
189Kb / 6P
6A, 400V N-CHANNEL POWER MOSFET
6N50_1106 UTC-6N50_1106 Datasheet
172Kb / 6P
6A, 500V N-CHANNEL POWER MOSFET
6N80 UTC-6N80_11 Datasheet
199Kb / 6P
6A, 800V N-CHANNEL POWER MOSFET
9N100 UTC-9N100 Datasheet
184Kb / 5P
9A, 1000V N-CHANNEL POWER MOSFET
SSM3K333R UTC-SSM3K333R Datasheet
167Kb / 3P
6A, 30V N-CHANNEL POWER MOSFET
UF6N15Z UTC-UF6N15Z Datasheet
144Kb / 3P
6A, 150V N-CHANNEL POWER MOSFET
UTT6N10 UTC-UTT6N10 Datasheet
147Kb / 3P
100V, 6A N-CHANNEL POWER MOSFET
UTT6N10Z UTC-UTT6N10Z Datasheet
168Kb / 3P
100V, 6A N-CHANNEL POWER MOSFET
4N100-FC UTC-4N100-FC Datasheet
621Kb / 9P
4.0A, 1000V N-CHANNEL POWER MOSFET
2023
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com