Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L79L05AB Datasheet (PDF) - SYC Electronica

L79L05AB Datasheet PDF - SYC Electronica
Part # L79L05AB
Download  L79L05AB Download
File Size   680.41 Kbytes
Page   22 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Negative voltage regulators

L79L05AB Datasheet (PDF)

Go To PDF Page Download Datasheet
L79L05AB Datasheet PDF - SYC Electronica

Part # L79L05AB
Download  L79L05AB Click to download

File Size   680.41 Kbytes
Page   22 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Negative voltage regulators

L79L05AB Datasheet (HTML) - SYC Electronica


L79L05AB Product details

Features
■ Output current up to 100 mA
■ Output voltages of -5; -6; -8; -9; -12; -15V
■ Thermal overload protection
■ Short circuit protection
■ No external components are required
■ Available in either ±5% (AC) or ±10% (C)
selection

Description
The L79Lxx series of three-terminal negative
regulators employ internal current limiting and
thermal shutdown, making them essentially
indestructible. If adequate heat-sink is provided,
they can deliver up to 100 mA output current.
They are intended as fixed voltage regulators in a
wide range of applications including local or oncard regulation for elimination of noise and
distribution problems associated with single-point
regulation. In addition, they can be used with
power pass elements to make high-current
voltage regulators.
The L79Lxx series used as Zener diode/resistor
combination replacement, offers an effective
output impedance improvement of typically two
orders of magnitude, along with lower quiescent
current and lower noise.




Similar Part No. - L79L05AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L79L05AB STMICROELECTRONICS-L79L05AB Datasheet
94Kb / 13P
NEGATIVE VOLTAGE REGULATORS
Dec-1999
L79L05AB STMICROELECTRONICS-L79L05AB Datasheet
705Kb / 22P
Negative voltage regulators
04-Dec-2007
L79L05AB STMICROELECTRONICS-L79L05AB Datasheet
701Kb / 22P
Negative voltage regulators
14-Jul-2008
L79L05AB STMICROELECTRONICS-L79L05AB Datasheet
717Kb / 27P
Negative voltage regulators
29-Jul-2009
L79L05AB STMICROELECTRONICS-L79L05AB Datasheet
717Kb / 27P
Output current up to 100 mA
29-Jul-2009
More results


Similar Description - L79L05AB

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
Negative-Voltage Regulators
logo
Texas Instruments
MC79L00 TI-MC79L00_08 Datasheet
324Kb / 13P
NEGATIVE-VOLTAGE REGULATORS
logo
Torex Semiconductor
XC62K TOREX-XC62K_1 Datasheet
1Mb / 17P
Negative Voltage Regulators
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
Negative voltage regulators
05-Dec-2007
L7905C STMICROELECTRONICS-L7905C_08 Datasheet
402Kb / 21P
Negative voltage regulators
15-Jul-2008
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
Negative voltage regulators
15-May-2012
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
Negative voltage regulators
29-Jul-2009
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
NEGATIVE-VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com