Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L79L05AB Datasheet (PDF) - STMicroelectronics

L79L05AB Datasheet PDF - STMicroelectronics
Part # L79L05AB
Download  L79L05AB Download
File Size   717.29 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Output current up to 100 mA

L79L05AB Datasheet (PDF)

Go To PDF Page Download Datasheet
L79L05AB Datasheet PDF - STMicroelectronics

Part # L79L05AB
Download  L79L05AB Click to download

File Size   717.29 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Output current up to 100 mA

L79L05AB Datasheet (HTML) - STMicroelectronics


L79L05AB Product details

Description
The L79L series of three-terminal negative regulators employ internal current limiting and thermal shutdown, making them essentially indestructible. If adequate heat-sink is provided, they can deliver up to 100 mA output current.They are intended as fixed voltage regulators in a wide range of applications including local or on-card regulation for elimination of noise and distribution problems associated with single-point regulation. In addition, they can be used with power pass elements to make high-current voltage regulators. The L79L series used as Zener diode/resistor combination replacement, offers an effective output impedance improvement of typically two orders of magnitude, along with lower quiescent current and lower noise.

Features
• Output current up to 100 mA
• Output voltages of -5; -8;-12; -15 V
• Thermal overload protection
• Short-circuit protection
• No external components are required
• Available in ±5% (AC) or ± 10% (C) selection




Similar Part No. - L79L05AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L79L05AB STMICROELECTRONICS-L79L05AB Datasheet
94Kb / 13P
NEGATIVE VOLTAGE REGULATORS
Dec-1999
L79L05AB STMICROELECTRONICS-L79L05AB Datasheet
705Kb / 22P
Negative voltage regulators
04-Dec-2007
L79L05AB STMICROELECTRONICS-L79L05AB Datasheet
701Kb / 22P
Negative voltage regulators
14-Jul-2008
L79L05AB STMICROELECTRONICS-L79L05AB Datasheet
717Kb / 27P
Negative voltage regulators
29-Jul-2009
logo
SYC Electronica
L79L05AB SYC-L79L05AB Datasheet
680Kb / 22P
Negative voltage regulators
More results


Similar Description - L79L05AB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6182 NSC-LM6182 Datasheet
1Mb / 24P
Dual 100 mA Output, 100 MHz Current Feedback Amplifier
logo
Power Mate Technology C...
HAE75-24S3P3W P-DUKE-HAE75-24S3P3W Datasheet
381Kb / 5P
OUTPUT CURRENT UP TO 20A
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
OUTPUT CURRENT UP TO 25A
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
Output Current up to 1.2A
logo
Texas Instruments
REG710-25 TI-REG710-25_15 Datasheet
1Mb / 32P
REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
TPS62736 TI-TPS62736_15 Datasheet
1Mb / 37P
TPS6273x Programmable Output Voltage Ultra-Low Power Buck Converter With Up to 50 mA / 200 mA Output Current
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
Delivering up to 40A output current
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
Output Current up to 3A
CMZFW WALL-CMZFW Datasheet
255Kb / 3P
Output Current up to 8A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
Output Current up to 3A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com