Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6182 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM6182 Datasheet PDF - National Semiconductor (TI)
Part # LM6182
Download  LM6182 Download
File Size   1519.75 Kbytes
Page   24 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual 100 mA Output, 100 MHz Current Feedback Amplifier

LM6182 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM6182 Datasheet PDF - National Semiconductor (TI)

Part # LM6182
Download  LM6182 Click to download

File Size   1519.75 Kbytes
Page   24 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual 100 mA Output, 100 MHz Current Feedback Amplifier

LM6182 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM6182

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LM618 KODENSHI-LM618 Datasheet
293Kb / 1P
High-Brightness RGB Full Color
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
100 mA, 100 MHz Current Feedback Amplifier
logo
Texas Instruments
LM6181 TI1-LM6181 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
National Semiconductor ...
LM6181AIM NSC-LM6181AIM Datasheet
1Mb / 23P
100 mA, 100 MHz Current Feedback Amplifier
LM6181AIM-8 NSC-LM6181AIM-8 Datasheet
1Mb / 23P
100 mA, 100 MHz Current Feedback Amplifier
More results


Similar Description - LM6182

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
100 mA, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
300 MHz, 1 mA Current Feedback Amplifier
REV.B
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
100 MHz Current Feedback Amplifier
logo
Texas Instruments
LM6181IM-8 TI1-LM6181IM-8 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
270 MHz, 400 mA Current Feedback Amplifier
REV. A
logo
Texas Instruments
LM6181IMX-8 TI1-LM6181IMX-8 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
STMicroelectronics
L79L05ABZ-AP STMICROELECTRONICS-L79L05ABZ-AP Datasheet
717Kb / 27P
Output current up to 100 mA
29-Jul-2009
logo
Texas Instruments
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
THS3491 TI1-THS3491 Datasheet
838Kb / 28P
900-MHz, High-Power Output, Current Feedback Amplifier
THS3491 TI-THS3491_V01 Datasheet
3Mb / 53P
THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com