Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6182 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6182
Description  Dual 100 mA Output, 100 MHz Current Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6182 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6182 Datasheet HTML 1Page - National Semiconductor (TI) LM6182 Datasheet HTML 2Page - National Semiconductor (TI) LM6182 Datasheet HTML 3Page - National Semiconductor (TI) LM6182 Datasheet HTML 4Page - National Semiconductor (TI) LM6182 Datasheet HTML 5Page - National Semiconductor (TI) LM6182 Datasheet HTML 6Page - National Semiconductor (TI) LM6182 Datasheet HTML 7Page - National Semiconductor (TI) LM6182 Datasheet HTML 8Page - National Semiconductor (TI) LM6182 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM6182
Dual 100 mA Output, 100 MHz Current Feedback
Amplifier
General Description
The LM6182 dual current feedback amplifier offers an unpar-
alleled combination of bandwidth, slew-rate, and output cur-
rent. Each amplifier can directly drive a 2V signal into a 50
Ω
or 75
Ω back-terminated coax cable system over the full in-
dustrial temperature range. This represents a radical en-
hancement in output drive capability for a dual 8-pin
high-speed amplifier making it ideal for video applications.
Built on National’s advanced high-speed VIP II™ (Vertically
Integrated
PNP)
process,
the
LM6182
employs
current-feedback providing bandwidth that does not vary
dramatically with gain; 100 MHz at Av = −1, 60 MHz at Av =
−10. With a slew rate of 2000 V/µsec, 2nd harmonic distor-
tion of −50 dBc at 10 MHz and settling time of 50 ns (0.1%),
the two independent amplifiers of the LM6182 offer perfor-
mance that is ideal for data acquisition, high-speed ATE, and
precision pulse amplifier applications.
See the LM6181 data sheet for a single amplifier with these
same features.
Features
(Typical unless otherwise noted)
n Slew Rate:
2000 V/µs
n Closed Loop Bandwidth:
100 MHz
n Settling Time (0.1%):
50 ns
n Low Differential Gain and Phase Error:
0.05%, 0.04˚
R
L = 150Ω
n Low Offset Voltage:
2 mV
n High Output Drive:
±10V into 150
Ω
n Characterized for Supply Ranges:
±5V and ±15V
n Improved Performance over OP260 and LT1229
Applications
n Coax Cable Driver
n Professional Studio Video Equipment
n Flash ADC Buffer
n PC and Workstation Video Boards
n Facsimile and Imaging Systems
Typical Application
VIP II™ is a trademark of National Semiconductor Corporation.
DS011926-1
DS011926-2
April 1994
© 1999 National Semiconductor Corporation
DS011926
www.national.com


Similar Part No. - LM6182

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LM618 KODENSHI-LM618 Datasheet
293Kb / 1P
High-Brightness RGB Full Color
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
100 mA, 100 MHz Current Feedback Amplifier
logo
Texas Instruments
LM6181 TI1-LM6181 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
National Semiconductor ...
LM6181AIM NSC-LM6181AIM Datasheet
1Mb / 23P
100 mA, 100 MHz Current Feedback Amplifier
LM6181AIM-8 NSC-LM6181AIM-8 Datasheet
1Mb / 23P
100 mA, 100 MHz Current Feedback Amplifier
More results

Similar Description - LM6182

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
100 mA, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
300 MHz, 1 mA Current Feedback Amplifier
REV.B
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
100 MHz Current Feedback Amplifier
logo
Texas Instruments
LM6181IM-8 TI1-LM6181IM-8 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
270 MHz, 400 mA Current Feedback Amplifier
REV. A
logo
Texas Instruments
LM6181IMX-8 TI1-LM6181IMX-8 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
STMicroelectronics
L79L05ABZ-AP STMICROELECTRONICS-L79L05ABZ-AP Datasheet
717Kb / 27P
Output current up to 100 mA
29-Jul-2009
logo
Texas Instruments
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
THS3491 TI1-THS3491 Datasheet
838Kb / 28P
900-MHz, High-Power Output, Current Feedback Amplifier
THS3491 TI-THS3491_V01 Datasheet
3Mb / 53P
THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com