Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6182 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6182
Description  Dual 100 mA Output, 100 MHz Current Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6182 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM6182 Datasheet HTML 1Page - National Semiconductor (TI) LM6182 Datasheet HTML 2Page - National Semiconductor (TI) LM6182 Datasheet HTML 3Page - National Semiconductor (TI) LM6182 Datasheet HTML 4Page - National Semiconductor (TI) LM6182 Datasheet HTML 5Page - National Semiconductor (TI) LM6182 Datasheet HTML 6Page - National Semiconductor (TI) LM6182 Datasheet HTML 7Page - National Semiconductor (TI) LM6182 Datasheet HTML 8Page - National Semiconductor (TI) LM6182 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
±5V DC Electrical Characteristics
The following specifications apply for supply voltage = ±5V, Vcm = V
O = 0V, Rf = 820Ω, and RL = 1kΩ unless otherwise
noted. Boldface limits apply at the temperature extremes; all other limits T
J = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 5)
LM6182AM LM6182AI
LM6182I
Units
Limit
Limit
Limit
(Note 6)
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
1.0
2.0
2.0
3.0
mV
3.0
2.5
3.5
max
TCV
OS
Input Offset Voltage Drift
2.5
µV/˚C
I
B
Inverting Input Bias Current
5.0
10
10
17.5
µA
max
22
22
27.0
Non-Inverting Input Bias Current
0.25
1.5
1.5
3.0
3.0
3.0
5.0
TCI
B
Inverting Input Bias Current Drift
50
nA/˚C
Non-Inverting Input Bias Current Drift
3.0
I
B
Inverting Input Bias Current
±4V
≤ V
S ≤ ±6V
0.3
0.5
0.5
0.75
µA/V
max
PSR
Power Supply Rejection
1.0
1.0
1.5
Non-Inverting Input Bias Current
±4V
≤ V
S ≤ ±6V
0.05
0.5
0.5
0.5
Power Supply Rejection
1.0
1.0
1.5
I
B
Inverting Input Bias Current
−2.5V
≤ V
CM ≤ +2.5V
0.3
0.5
0.5
1.0
CMR
Common Mode Rejection
1.0
1.0
1.5
Non-Inverting Input Bias Current
−2.5V
≤ V
CM ≤ +2.5V
0.12
0.5
0.5
0.5
Common Mode Rejection
1.0
1.0
1.5
CMRR
Common Mode Rejection Ratio
−2.5V
≤ V
CM ≤ +2.5V
57
50
50
50
dB
min
47
47
47
PSRR
Power Supply Rejection Ratio
±4V
≤ V
S ≤ ±6V
80
70
70
64
67
67
60
R
O
Output Resistance
A
V = −1
0.25
Ω
f = 300 kHz
R
IN
Non-Inverting Input Resistance
8
M
Ω
V
O
Output Voltage Swing
R
L = 1kΩ
2.6
2.25
2.25
2.25
V
min
2.0
2.0
2.0
R
L = 150Ω
2.2
2.0
2.0
2.0
1.8
1.8
1.8
I
SC
Output Short Circuit Current
100
65
65
65
mA
35
40
40
min
Z
T
Transimpedance
R
L = 1kΩ
1.4
0.75
0.75
0.6
M
Ω
min
0.3
0.35
0.3
R
L = 150Ω
1.0
0.5
0.5
0.4
0.2
0.25
0.2
I
S
Supply Current
No Load, V
IN = 0V
13
17
17
17
mA
Both Amplifiers
18.5
18.5
18.5
max
V
CM
Input Common Mode Voltage Range
V
+−1.7V
V
V
−+1.7V
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com