Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL7805 Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

BL7805 Datasheet PDF - SHANGHAI BELLING CO., LTD.
Part # BL7805
Download  BL7805 Download
File Size   473.51 Kbytes
Page   6 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description Output Current up to 1.2A

BL7805 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL7805 Datasheet PDF - SHANGHAI BELLING CO., LTD.

Part # BL7805
Download  BL7805 Click to download

File Size   473.51 Kbytes
Page   6 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description Output Current up to 1.2A

BL7805 Datasheet (HTML) - SHANGHAI BELLING CO., LTD.


BL7805 Product details

GENERAL DESCRIPTION
The BL78XX series of three-terminal positive regulator are available in the TO-220 package and with several fixed output voltages, making them useful in a wide range of applications. Each type employs internal current limiting, thermal shut down and safe operating area protection, making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 1A output current. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltages and currents.

FEATURE
• Output Current up to 1A
• Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe Operating Area Protection
• Output Voltages : BL7805: 5V BL7806: 6V BL7808: 8V
                               BL7809: 9V BL7812: 12V BL7815:15V




Similar Part No. - BL7805

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL78A05 BELLING-BL78A05 Datasheet
346Kb / 5P
Positive voltage regulators
BL78D05 BELLING-BL78D05 Datasheet
72Kb / 3P
Three-terminal positive Voltage Regulator
BL78L05 BELLING-BL78L05 Datasheet
151Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BL78L05D BELLING-BL78L05D Datasheet
113Kb / 3P
Maximum Output current - 0.1A
BL78LXX BELLING-BL78LXX Datasheet
96Kb / 8P
The BL78LXX ser ies of f ixed vol tage
More results


Similar Description - BL7805

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE75-24S3P3W P-DUKE-HAE75-24S3P3W Datasheet
381Kb / 5P
OUTPUT CURRENT UP TO 20A
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
OUTPUT CURRENT UP TO 25A
logo
Intersil Corporation
ISL9110 INTERSIL-ISL9110 Datasheet
1Mb / 20P
1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
1.2A Peak Output Current
logo
Advanced Power Electron...
APE8969 A-POWER-APE8969 Datasheet
259Kb / 7P
1.2A HIGH OUTPUT CURRENT LDO REGULATOR
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
Output Current up to 3A
CMZFW WALL-CMZFW Datasheet
255Kb / 3P
Output Current up to 8A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
Output Current up to 3A
logo
SHENZHEN FUMAN ELECTRON...
A3126 FUMAN-A3126 Datasheet
371Kb / 8P
1.2A Up to 20V Micropower Output Boost Converter
logo
AiT Semiconductor Inc.
A8176 AITSEMI-A8176 Datasheet
501Kb / 9P
LED DRIVER 1.0MHz, 1.2A UP TO 24V OUTPUT MICROPOWER
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com