Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS1073 Datasheet (PDF) - Advanced Monolithic Systems Ltd

AMS1073 Datasheet PDF - Advanced Monolithic Systems Ltd
Part # AMS1073
Download  AMS1073 Download
File Size   498.76 Kbytes
Page   6 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description 1.2A Peak Output Current

AMS1073 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS1073 Datasheet PDF - Advanced Monolithic Systems Ltd

Part # AMS1073
Download  AMS1073 Click to download

File Size   498.76 Kbytes
Page   6 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description 1.2A Peak Output Current

AMS1073 Datasheet (HTML) - Advanced Monolithic Systems Ltd




Similar Part No. - AMS1073

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1070 AMS-AMS1070 Datasheet
838Kb / 7P
3A Continuous Output Current
AMS1072 AMS-AMS1072 Datasheet
469Kb / 6P
2.5V to 8V Input Voltage Range
AMS1076 AMS-AMS1076 Datasheet
793Kb / 5P
1A Output Current 0.45廓 Internal Power MOSFET Switch
More results


Similar Description - AMS1073

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
High peak-output current: 9A Peak (typ.)
logo
Intersil Corporation
ISL9110 INTERSIL-ISL9110 Datasheet
1Mb / 20P
1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
logo
Advanced Power Electron...
APE8969 A-POWER-APE8969 Datasheet
259Kb / 7P
1.2A HIGH OUTPUT CURRENT LDO REGULATOR
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
0.6A maximum peak output current 0.5 A minimum peak output current
logo
M.S. Kennedy Corporatio...
MSK0041 MSK-MSK0041_15 Datasheet
169Kb / 7P
Output Current - 0.5 Amps Peak
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
Output Current up to 1.2A
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
2.5A Maximum Peak Output Current
IX3180 IXYS-IX3180 Datasheet
254Kb / 11P
2.5A Maximum Peak Output Current
logo
Broadcom Corporation.
ACPL-P345 BOARDCOM-ACPL-P345 Datasheet
1Mb / 17P
1.0A maximum peak output current
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
1.0A maximum peak output current
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com