Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16CYQ150CSCV Datasheet (PDF) - International Rectifier

16CYQ150CSCV Datasheet PDF - International Rectifier
Part # 16CYQ150CSCV
Download  16CYQ150CSCV Download
File Size   428.38 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Schottky Rectifier High Efficiency Series Thru-Hole (TO-257AA) 150V, 16A

16CYQ150CSCV Datasheet (PDF)

Go To PDF Page Download Datasheet
16CYQ150CSCV Datasheet PDF - International Rectifier

Part # 16CYQ150CSCV
Download  16CYQ150CSCV Click to download

File Size   428.38 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Schottky Rectifier High Efficiency Series Thru-Hole (TO-257AA) 150V, 16A

16CYQ150CSCV Datasheet (HTML) - International Rectifier


16CYQ150CSCV Product details

Features
• Hermetically sealed
• Center tap
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and
long term reliability
• Light weight
• ESD rating: Class 1B per MIL-STD-750, Method 1020

Product Summary
• VRRM (per leg): 150V
• IF(AV): 16A
• VF @ 8.0Apk, TJ =125°C (per leg): 0.73V
• IFSM @ tp = 8.3ms half-sine (per leg): 120A
• REF: MIL-PRF-19500/737

Potential Applications
• DC-DC converter
• Protection circuits
• Motor drives

Product Validation
Fully qualified according to MIL-PRF-19500 for space applications

Description
The 16CYQ150C (1N7047CCT3) center tap Schottky rectifier has been expressly designed to meet the rigorous
requirements of HiRel environments. It is packaged in the hermetic isolated TO-257AA package. The device's
forward voltage drop and reverse leakage current are optimized for the lowest power loss and the highest
circuit efficiency for typical high frequency switching power supplies and resonent power converters. Full MILPRF-19500 quality conformance testing is available on source control drawings to TX, TXV and S quality levels.




Similar Part No. - 16CYQ150CSCV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CYQ150C IRF-16CYQ150C Datasheet
58Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16CYQ150C IRF-16CYQ150C Datasheet
117Kb / 4P
SCHOTTKY RECTIFIER
16CYQ150C IRF-16CYQ150C_15 Datasheet
117Kb / 4P
SCHOTTKY RECTIFIER
More results


Similar Description - 16CYQ150CSCV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY9140 IRF-IRFY9140 Datasheet
279Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY9140C IRF-IRFY9140C Datasheet
257Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY140C IRF-IRFY140C Datasheet
164Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY240C IRF-IRFY240C Datasheet
219Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA
IRFY340C IRF-IRFY340C Datasheet
148Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY430C IRF-IRFY430C Datasheet
172Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY9240C IRF-IRFY9240C Datasheet
148Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA
IRFY340SCX IRF-IRFY340SCX Datasheet
148Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY130C IRF-IRFY130C Datasheet
167Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
IRFY440M IRF-IRFY440M Datasheet
135Kb / 7P
POWER MOSFET THRU-HOLE (TO-257AA)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com