Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM680 Datasheet (PDF) - Microchip Technology

TCM680 Datasheet PDF - Microchip Technology
Part # TCM680
Download  TCM680 Download
File Size   334.78 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 5V To 짹10V Voltage Converter

TCM680 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCM680 Datasheet PDF - Microchip Technology

Part # TCM680
Download  TCM680 Click to download

File Size   334.78 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 5V To 짹10V Voltage Converter

TCM680 Datasheet (HTML) - Microchip Technology


TCM680 Product details

GENERAL DESCRIPTION
The TCM680 is a dual charge pump voltage converter that develops output voltages of +2VIN and – 2VIN from a single input voltage of +2.0V to +5.5V. Common applications include ±10V from a single +5V logic supply, and ±6V from a +3V lithium battery.

FEATURES
■ 99% Voltage Conversion Efficiency
■ 85% Power Conversion Efficiency
■ Wide Voltage Range .........................+2.0V to +5.5V
■ Only 4 External Capacitors Required
■ Space Saving 8-Pin SOIC Design

APPLICATIONS
■ ±10V From +5V Logic Supply
■ ±6V From a 3V Lithium Cell
■ Handheld Instruments
■ Portable Cellular Phones
■ LCD Display Bias Generator
■ Panel Meters
■ Operational Amplifier Power Supplies




Similar Part No. - TCM680

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCM680 TELCOM-TCM680 Datasheet
96Kb / 7P
5V TO 짹10V VOLTAGE CONVERTER
TCM680COA TELCOM-TCM680COA Datasheet
96Kb / 7P
5V TO 짹10V VOLTAGE CONVERTER
TCM680CPA TELCOM-TCM680CPA Datasheet
96Kb / 7P
5V TO 짹10V VOLTAGE CONVERTER
TCM680EOA TELCOM-TCM680EOA Datasheet
96Kb / 7P
5V TO 짹10V VOLTAGE CONVERTER
TCM680EPA TELCOM-TCM680EPA Datasheet
96Kb / 7P
5V TO 짹10V VOLTAGE CONVERTER
More results


Similar Description - TCM680

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCM680 TELCOM-TCM680 Datasheet
96Kb / 7P
5V TO 짹10V VOLTAGE CONVERTER
logo
Linear Technology
LTC1046 LINER-LTC1046 Datasheet
172Kb / 12P
?쏧nductorless??5V to 5V Converter
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX680 MAXIM-MAX680 Datasheet
84Kb / 8P
5V to 짹10V Voltage Converters
Rev 1; 7/96
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6910 TI-PT6910 Datasheet
131Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Linear Technology
LTC1046 LINER-LTC1046_15 Datasheet
187Kb / 12P
5V to ??V Converter
logo
Maxim Integrated Produc...
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX680 MAXIM-MAX680_V01 Datasheet
1Mb / 9P
5V to 짹10V Voltage Converters
2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com