Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM680 Datasheet(PDF) 2 Page - Microchip Technology

Part # TCM680
Description  5V To 짹10V Voltage Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM680 Datasheet(HTML) 2 Page - Microchip Technology

  TCM680 Datasheet HTML 1Page - Microchip Technology TCM680 Datasheet HTML 2Page - Microchip Technology TCM680 Datasheet HTML 3Page - Microchip Technology TCM680 Datasheet HTML 4Page - Microchip Technology TCM680 Datasheet HTML 5Page - Microchip Technology TCM680 Datasheet HTML 6Page - Microchip Technology TCM680 Datasheet HTML 7Page - Microchip Technology TCM680 Datasheet HTML 8Page - Microchip Technology TCM680 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TCM680
DS21486C-page 2
© 2005 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VIN .......................................................................+5.8V
VOUT
+ ................................................................ +11.6V
VOUT
– .................................................................-11.6V
VOUT
+ Short-Circuit Duration...................... Continuous
VOUT
+ Current ....................................................75 mA
VIN dV/dT ....................................................... 1 V/µsec
Power Dissipation (TA ≤ 70°C)
8-Pin PDIP ..............................................730 mW
8-Pin SOIC ..............................................470 mW
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range ..............-65°C to +150°C
Maximum Junction Temperature ...................... +150°C
† Notice: Stresses above those listed under "Maximum
Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operation listings of this specification is
not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VIN = +5V, TA = +25°C, refer to Figure 1-1.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Voltage Range
VIN
2.0
—
5.5
V
-40°C
≤ TA ≤ +85°C, RL = 2 kΩ
Supply Current
IIN
—0.5
1.0
mA
VIN = 3V, RL = ∞
—1.0
2.0
VIN = 5V, RL = ∞
——
2.5
VIN = 5V, 0°C ≤ TA ≤ +70°C, RL = ∞
——
3.0
VIN = 5V, -40°C ≤ TA ≤ +85°C, RL = ∞
Negative Charge Pump Output
Source Resistance
ROUT
-
—
140
180
Ω
IL
– = 10 mA, I
L
+ = 0 mA, V
IN = 5V
—
180
250
IL
– = 5 mA, I
L
+ = 0 mA, V
IN = 2.8V
—
—
—
—
—
—
220
250
—
0°C
≤ TA ≤ + 70°C
-40°C
≤ TA ≤ + 85°C
IL
– = 10 mA, I
L
+ = 0 mA, V
IN = 5V
Positive Charge Pump Output
Source Resistance
ROUT
+
140
180
Ω
IL
+= 10 mA, I
L
– = 0 mA, V
IN = 5V
—
180
250
IL
+= 5 mA, I
L
– = 0 mA, V
IN = 2.8V
—
—
—
—
—
—
220
250
—
0°C
≤ TA ≤ + 70°C
-40°C
≤ TA ≤ + 85°C
IL
+ = 10 mA, I
L
– = 0 mA, V
IN = 5V
Oscillator Frequency
FOSC
—21
—
kHz
Power Efficiency
PEFF
—85
—
%
RL = 2 kΩ
Voltage Conversion Efficiency
VOUTEFF
97
99
—
%
VOUT
+, R
L = ∞
97
99
—
VOUT
–, R
L = ∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com