Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2150 Datasheet (PDF) - Microchip Technology

MCP2150 Datasheet PDF - Microchip Technology
Part # MCP2150
Download  MCP2150 Download
File Size   687.42 Kbytes
Page   52 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications

MCP2150 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP2150 Datasheet PDF - Microchip Technology

Part # MCP2150
Download  MCP2150 Click to download

File Size   687.42 Kbytes
Page   52 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications

MCP2150 Datasheet (HTML) - Microchip Technology


MCP2150 Product details

The MCP2150 is a cost effective, low pin count (18-pin), easy to use device for implementing IrDA standard wireless connectivity. The MCP2150 provides support for the IrDA standard protocol “stack” plus bit encoding/decoding.



Features

• Implements the IrDA® standard including:

- IrLAP

- IrLMP

- IAS

- TinyTP

- IrCOMM (9-wire “cooked” service class)

• Provides IrDA standard physical signal layer support including:

- Bidirectional communication

- CRC implementation

- Data communication rates up to 115.2 kbaud

• Includes UART to IrDA standard encoder/decoder functionality:

- Easily interfaces with industry standard UARTs and infrared transceivers

• UART interface for connecting to Data Terminal Equipment (DTE) systems

• Transmit/Receive formats (bit width) supported:

- 1.63 µs

• Hardware baud rate selection for UART:

- 9.6 kbaud

- 19.2 kbaud

- 57.6 kbaud

- 115.2 kbaud

• Infrared baud rates supported:

- 9.6 kbaud

- 19.2 kbaud

- 38.4 kbaud

- 57.6 kbaud

- 115.2 kbaud

• 64 Byte Data Packet Size

• Programmable Device ID String

• Operates as Secondary Device



CMOS Technology

• Low power, high-speed CMOS technology

• Fully static design

• Low voltage operation

• Industrial temperature range

• Low power consumption

- < 1 mA @ 3.3 V, 11.0592 MHz (typical)

- 3 µA typical @ 5.0 V when disabled




Similar Part No. - MCP2150

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2150 MICROCHIP-MCP2150 Datasheet
2Mb / 64P
DEVELOPER?셎 KIT USER?셎 GUIDE
2001
MCP2150 MICROCHIP-MCP2150 Datasheet
404Kb / 34P
Infrared Encoder/Decoder
2004
MCP2150 MICROCHIP-MCP2150 Datasheet
798Kb / 38P
Infrared Encoder/Decoder
2007
MCP2150 MICROCHIP-MCP2150 Datasheet
1Mb / 40P
Infrared Encoder/Decoder
Revision D February 2024
MCP2150 MICROCHIP-MCP2150_13 Datasheet
987Kb / 52P
IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
11/29/12
More results


Similar Description - MCP2150

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1185CQ SONY-CXD1185CQ Datasheet
360Kb / 35P
SCSI 1 Protocol Controller
logo
Microchip Technology
MCP2155 MICROCHIP-MCP2155 Datasheet
608Kb / 52P
ItDA Standard Protocol Stack Controller Supporting DCE Applications
2001
MCP2140 MICROCHIP-MCP2140_03 Datasheet
936Kb / 58P
IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
2003
MCP2140A MICROCHIP-MCP2140A Datasheet
747Kb / 60P
IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
2007
MCP2140 MICROCHIP-MCP2140_13 Datasheet
1Mb / 58P
IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
10/26/12
MCP2150 MICROCHIP-MCP2150_13 Datasheet
987Kb / 52P
IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
11/29/12
MCP2155 MICROCHIP-MCP2155_13 Datasheet
852Kb / 52P
IrDA짰 Standard Protocol Stack Controller
11/29/12
MCP2155-I MICROCHIP-MCP2155-I Datasheet
512Kb / 52P
IrDA Standard Protocol Stack Controller Supporting DCE Applicaations
10/01/01
logo
Shenzhen Tianyuan Semic...
TP1001 TPOWER-TP1001 Datasheet
518Kb / 6P
Interface control chip supporting QC2.0 fast charging protocol
logo
Nanjing Qinheng Microel...
CH395 WCH-CH395 Datasheet
348Kb / 32P
Ethernet protocol stack chip
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com