Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140A Datasheet (PDF) - Microchip Technology

MCP2140A Datasheet PDF - Microchip Technology
Part # MCP2140A
Download  MCP2140A Download
File Size   747.9 Kbytes
Page   60 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate

MCP2140A Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP2140A Datasheet PDF - Microchip Technology

Part # MCP2140A
Download  MCP2140A Click to download

File Size   747.9 Kbytes
Page   60 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate

MCP2140A Datasheet (HTML) - Microchip Technology


MCP2140A Product details

DEVICE OVERVIEW

The MCP2140A is a cost-effective, low pin count (18-pin), easy-to-use device for implementing IrDA standard wireless connectivity. The MCP2140A provides support for the IrDA standard protocol “stack”, bit encoding/decoding and low cost, discrete IR receiver circuitry. The MCP2140A is footprint compatible with the MCP2140. For migration assistance, please refer to Section 2.14 “Migrating from the MCP2140 to the MCP2140A”.

The serial and IR interface baud rates are fixed at 9600 baud. The serial interface and IR interface baud rates are dependent on the device frequency, but IrDA standard operation requires a device frequency of 3.6864 MHz.

The MCP2140A will specify the IR baud rate to the Primary Device during the Discover phase.

The MCP2140A can operate in Data Communication Equipment (DCE) and Data Terminal Equipment (DTE) applications, and resides between a UART and an infrared optical transceiver.



Features

• Implements the IrDA® standard, including:

   - IrLAP

   - IrLMP

   - IAS

   - TinyTP

   - IrCOMM (9-wire “cooked” service class)

• Provides IrDA standard physical signal layer support including:

   - Bidirectional communication

   - CRC implementation

   - Fixed Data communication rate of 9600 baud

• Includes UART-to-IrDA standard encoder/decoder functionality:

   - Easily interfaces with industry standard UARTs and infrared transceivers

• Easily communicates with 16-bit PIC Microcontroller IrDA Standard Stack Library

• UART interface for connecting to Data

   Communications Equipment (DCE) or Data Terminal Equipment (DTE) systems

• Transmit/Receive formats (bit width) supported:

   - 1.63 µs (Transmit & Receive)

   - 3/16 bit time (Receive Only)

• Hardware UART Support:

   - 9.6 kbaud baud rate

   - 60 Byte Data Buffer Size (64 Byte Packet)

• Infrared Supported:

   - 9.6 kbaud baud rate

   - 64 Byte Packet Size (60 Data Bytes)

• Operates as Secondary Device

• Wide Operating Voltage: 2.0V to 5.5V

• Automatic Low Power mode:

   - < 23 µA (maximum) @ 2.0V, when no IR activity present (PHACT = L)

• Footprint Compatibility with MCP2140



CMOS Technology

• Low power, high-speed CMOS technology

• Low voltage operation

• Industrial temperature range

• Low power consumption:

   - < 407 µA (maximum) @ 2.0V, 3.6864 MHz

  

Applications

  The MCP2140A Infrared Communications Controller, supporting the IrDA standard, provides embedded system designers the easiest way to implement IrDA standard wireless connectivity. Figure 1-1 shows a typical application block diagram, while Table 1-1 shows the pin definitions.



 




Similar Part No. - MCP2140A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2140 MICROCHIP-MCP2140 Datasheet
404Kb / 34P
Infrared Encoder/Decoder
2004
MCP2140 MICROCHIP-MCP2140 Datasheet
798Kb / 38P
Infrared Encoder/Decoder
2007
MCP2140 MICROCHIP-MCP2140 Datasheet
1Mb / 40P
Infrared Encoder/Decoder
Revision D February 2024
MCP2140-IP MICROCHIP-MCP2140-IP Datasheet
936Kb / 58P
IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
2003
MCP2140-ISO MICROCHIP-MCP2140-ISO Datasheet
936Kb / 58P
IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
2003
More results


Similar Description - MCP2140A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IM4702 INTERSIL-IM4702 Datasheet
592Kb / 7P
BAUD RATE GENERATOR
logo
Microchip Technology
MCP2155 MICROCHIP-MCP2155 Datasheet
608Kb / 52P
ItDA Standard Protocol Stack Controller Supporting DCE Applications
2001
MCP2150 MICROCHIP-MCP2150 Datasheet
687Kb / 52P
IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
2002
MCP2140 MICROCHIP-MCP2140_03 Datasheet
936Kb / 58P
IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
2003
logo
Radiometrix Ltd
I9600 RADIOMETRIX-I9600 Datasheet
416Kb / 7P
9600 baud Transparent Data Link IC
logo
Microchip Technology
MCP2140 MICROCHIP-MCP2140_13 Datasheet
1Mb / 58P
IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
10/26/12
MCP2150 MICROCHIP-MCP2150_13 Datasheet
987Kb / 52P
IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
11/29/12
MCP2155 MICROCHIP-MCP2155_13 Datasheet
852Kb / 52P
IrDA짰 Standard Protocol Stack Controller
11/29/12
MCP2155-I MICROCHIP-MCP2155-I Datasheet
512Kb / 52P
IrDA Standard Protocol Stack Controller Supporting DCE Applicaations
10/01/01
logo
List of Unclassifed Man...
CSE7766 ETC1-CSE7766 Datasheet
680Kb / 25P
Baud rate of UART communication protocol of serial port is 4800bps.
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com