Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-FE009I2-165 Datasheet (PDF) - NEC

LED-FE009I2-165 Datasheet PDF - NEC
Part # LED-FE009I2-165
Download  LED-FE009I2-165 Download
File Size   192.67 Kbytes
Page   3 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Indoor LED 0.9 mm 165" UHD Bundle

LED-FE009I2-165 Datasheet (PDF)

Go To PDF Page Download Datasheet
LED-FE009I2-165 Datasheet PDF - NEC

Part # LED-FE009I2-165
Download  LED-FE009I2-165 Click to download

File Size   192.67 Kbytes
Page   3 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Indoor LED 0.9 mm 165" UHD Bundle

LED-FE009I2-165 Datasheet (HTML) - NEC


LED-FE009I2-165 Product details

Benefits
Care-free installation – with bundled solutions that deliver all you need to get your LED video wall up and running.
Large scale for perfectly detailed imagery – completely bezel-less design with high contrast rates deliver an unhindered viewing experience.
Slim design – with a flush rear profile, LED modules can be integrated very close to the wall with minimal gap necessary due to very low heat emission.
Front serviceable modules – with front access to the LED modules, maintenance is easy.
Visual excellence – high contrast and high brightness is inherent in LED delivery, benefit from NEC’s long lasting quality.




Similar Part No. - LED-FE009I2-165

ManufacturerPart #DatasheetDescription
logo
NEC
LED-FA009I2-165 NEC-LED-FA009I2-165 Datasheet
145Kb / 3P
Indoor LED 0.9 mm 165" UHD Bundle
01.06.2022
More results


Similar Description - LED-FE009I2-165

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD44102SKB ZMD-ZMD44102SKB Datasheet
147Kb / 1P
Starter Kit Bundle
logo
ALPS ELECTRIC CO.,LTD.
SSAH ALPS-SSAH Datasheet
315Kb / 4P
0.9(H)mm, 1.5mm-travel Surface Mount Type
logo
Hirose Electric
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
logo
PANDUIT CORP.
BR2-4X PANDUIT-BR2-4X Datasheet
69Kb / 2P
BR2 BUNDLE RETAINER
BR5-E6-C PANDUIT-BR5-E6-C Datasheet
146Kb / 1P
Bundle Retainers
logo
Semtech Corporation
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
UHD-SDI Gearbox
logo
Keysight Technologies
W1467BP KEYSIGHT-W1467BP Datasheet
3Mb / 6P
SystemVue Array Architect Bundle
logo
Hirose Electric
FH19C HIROSE-FH19C Datasheet
348Kb / 12P
0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
logo
IOGEAR
GVE330 IOGEAR-GVE330 Datasheet
151Kb / 2P
HDBaseT UHD Extender
logo
List of Unclassifed Man...
ULTIMAKER-S5 ETC-ULTIMAKER-S5 Datasheet
892Kb / 2P
Ultimaker S5 Pro Bundle
EN 05/2021 v1.03
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com