Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAH Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SSAH Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SSAH
Download  SSAH Download
File Size   315.53 Kbytes
Page   4 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 0.9(H)mm, 1.5mm-travel Surface Mount Type

SSAH Datasheet (PDF)

Go To PDF Page Download Datasheet
SSAH Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SSAH
Download  SSAH Click to download

File Size   315.53 Kbytes
Page   4 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 0.9(H)mm, 1.5mm-travel Surface Mount Type

SSAH Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


SSAH Product details

0.9(H)mm, 1.5mm-travel Surface Mount Type

Low-profile type with 0.9mm in height




Similar Part No. - SSAH

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSAH110100 ALPS-SSAH110100 Datasheet
919Kb / 4P
Low-profile type with 0.9mm in height
SSAH120100 ALPS-SSAH120100 Datasheet
919Kb / 4P
Low-profile type with 0.9mm in height
SSAH ALPS-SSAH_15 Datasheet
919Kb / 4P
Low-profile type with 0.9mm in height
More results


Similar Description - SSAH

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRA ALPS-SKRA Datasheet
175Kb / 3P
6.2mm Square with Middle-travel (Surface Mount Type)
SKRE ALPS-SKRE Datasheet
148Kb / 3P
1.5mm Height SidepushTM (Surface Mount Type)
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
1.5mm-travel Vertical Type
SPPJ6 ALPS-SPPJ6 Datasheet
204Kb / 2P
1.5mm-travel Low-profile Horizontal Type
SSAC ALPS-SSAC Datasheet
257Kb / 3P
1.5mm-travel, with External Knob Type
SSAD ALPS-SSAD Datasheet
304Kb / 4P
0.7(H)mm, 1.5mm-travel Surface Mount Type
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
1.5mm-travel Vertical Type
SPPH1 ALPS-SPPH1_15 Datasheet
925Kb / 4P
1.5mm-travel Vertical Type
SSAC ALPS-SSAC_15 Datasheet
870Kb / 4P
1.5mm-travel, with External Knob Type
logo
SHINMEI ELECTRIC CO., L...
SLM-12-741 SHINMEI-SLM-12-741 Datasheet
43Kb / 3P
1.5mm Travel Thin Type Slide Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com