Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAD Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SSAD Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SSAD
Download  SSAD Download
File Size   304.85 Kbytes
Page   4 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 0.7(H)mm, 1.5mm-travel Surface Mount Type

SSAD Datasheet (PDF)

Go To PDF Page Download Datasheet
SSAD Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SSAD
Download  SSAD Click to download

File Size   304.85 Kbytes
Page   4 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 0.7(H)mm, 1.5mm-travel Surface Mount Type

SSAD Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


SSAD Product details

Low-profile design of 6.7× 3.2× 0.7mm, height reduced by 50% (compared to our conventional models).



 




Similar Part No. - SSAD

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SSA MITSUMI-SSA Datasheet
111Kb / 2P
Self Return Slide Switches
logo
Littelfuse
SSA LITTELFUSE-SSA Datasheet
427Kb / 6P
Two-terminal, Metal Type Current Shunt Resistor
10/29/24
logo
Bedford Opto Technology...
SSA-005 BOT-SSA-005 Datasheet
35Kb / 2P
Miniature Opto Array
SSA-005-2 BOT-SSA-005-2 Datasheet
37Kb / 2P
Miniature IR Array
SSA-005E BOT-SSA-005E Datasheet
37Kb / 2P
Miniature IR Array
More results


Similar Description - SSAD

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
1.5mm-travel Vertical Type
SPPJ6 ALPS-SPPJ6 Datasheet
204Kb / 2P
1.5mm-travel Low-profile Horizontal Type
SSAC ALPS-SSAC Datasheet
257Kb / 3P
1.5mm-travel, with External Knob Type
SSAH ALPS-SSAH Datasheet
315Kb / 4P
0.9(H)mm, 1.5mm-travel Surface Mount Type
logo
STANLEY ELECTRIC CO.,LT...
DNK1111C STANLEY-DNK1111C Datasheet
286Kb / 17P
Surface Mount IRED/1608 ( t = 0.7 mm) Type
logo
ALPS ELECTRIC CO.,LTD.
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
1.5mm-travel Vertical Type
SPPH1 ALPS-SPPH1_15 Datasheet
925Kb / 4P
1.5mm-travel Vertical Type
SSAC ALPS-SSAC_15 Datasheet
870Kb / 4P
1.5mm-travel, with External Knob Type
logo
STANLEY ELECTRIC CO.,LT...
DNK1111C STANLEY-DNK1111C_12 Datasheet
505Kb / 14P
Surface Mount IRED/1608 ( t = 0.7 mm) Type
logo
SHINMEI ELECTRIC CO., L...
SLM-12-741 SHINMEI-SLM-12-741 Datasheet
43Kb / 3P
1.5mm Travel Thin Type Slide Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com