Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAD Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAD
Description  0.7(H)mm, 1.5mm-travel Surface Mount Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAD Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSAD Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAD Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAD Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAD Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
117
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Reflow
Soldering
Without
With
0.7(H)mm, 1.5mm-travel Surface Mount Type
SSAD Series
Not
specified
With
Horizontal
1.5
0.65
1
2
1
Actuator
direction
Ground
terminal
Operating section
thickness
(mm)
Poles Positions
Products
No.
Travel
(mm)
Drawing
No.
SSAD120100
Changeover
timing
Location
lug
20,000
Minimum
order unit
(pcs.)
Product Line
0.85
2
SSAD110100
Low-profile design of 6.7×3.2×0.7mm, height reduced by 50%
(compared to our conventional models).
Slide Switch
Operating life
1mA 5V DC/50
BA 3V DC
1
(+1, −0.5)N
100m
Ωmax./150mΩmax.
10,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial performance/After lifetime)
Operating force
10,000cycles
(1mA 5V DC)
Without load
With load
Typical Specifications
Taping Specification(Taping Packaging)
Reel Size
¿380
17.4
Unit:mm
5,000
10,000
20,000
16
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please place purchase orders per minimum orders units (integer).
Notes


Similar Part No. - SSAD

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SSA MITSUMI-SSA Datasheet
111Kb / 2P
Self Return Slide Switches
logo
Littelfuse
SSA LITTELFUSE-SSA Datasheet
427Kb / 6P
Two-terminal, Metal Type Current Shunt Resistor
10/29/24
logo
Bedford Opto Technology...
SSA-005 BOT-SSA-005 Datasheet
35Kb / 2P
Miniature Opto Array
SSA-005-2 BOT-SSA-005-2 Datasheet
37Kb / 2P
Miniature IR Array
SSA-005E BOT-SSA-005E Datasheet
37Kb / 2P
Miniature IR Array
More results

Similar Description - SSAD

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
1.5mm-travel Vertical Type
SPPJ6 ALPS-SPPJ6 Datasheet
204Kb / 2P
1.5mm-travel Low-profile Horizontal Type
SSAC ALPS-SSAC Datasheet
257Kb / 3P
1.5mm-travel, with External Knob Type
SSAH ALPS-SSAH Datasheet
315Kb / 4P
0.9(H)mm, 1.5mm-travel Surface Mount Type
logo
STANLEY ELECTRIC CO.,LT...
DNK1111C STANLEY-DNK1111C Datasheet
286Kb / 17P
Surface Mount IRED/1608 ( t = 0.7 mm) Type
logo
ALPS ELECTRIC CO.,LTD.
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
1.5mm-travel Vertical Type
SPPH1 ALPS-SPPH1_15 Datasheet
925Kb / 4P
1.5mm-travel Vertical Type
SSAC ALPS-SSAC_15 Datasheet
870Kb / 4P
1.5mm-travel, with External Knob Type
logo
STANLEY ELECTRIC CO.,LT...
DNK1111C STANLEY-DNK1111C_12 Datasheet
505Kb / 14P
Surface Mount IRED/1608 ( t = 0.7 mm) Type
logo
SHINMEI ELECTRIC CO., L...
SLM-12-741 SHINMEI-SLM-12-741 Datasheet
43Kb / 3P
1.5mm Travel Thin Type Slide Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com