Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAD Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAD
Description  0.7(H)mm, 1.5mm-travel Surface Mount Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAD Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSAD Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAD Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAD Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAD Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
118
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
7.8
1.3
A
4
2-0.8
1.2
2
4.5
0.4
1.5
6.7
0.18
7.5
Travel
Terminal No.q
Dimensions
Unit:mm
Style
PC board mounting hole and land
dimensions
(Viewed from the direction A)
8.5
5.3
3.7
0.8
6.5
No.
Circuit Diagram(Viewed from Direction A)
1
2
1
C
2
1.5
0.9
Travel
PC board mounting face
A
Terminal No.q
7.5
0.4
4.5
6.7
8.5
6.5
5.3
3.7
0.8
4
2-
ø0
.9
ho
les
0.7(H)mm, 1.5mm-travel Surface MountType
SSAD Series
Slide Switch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com