Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKRE Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKRE Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKRE
Download  SKRE Download
File Size   148.62 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 1.5mm Height SidepushTM (Surface Mount Type)

SKRE Datasheet (PDF)

Go To PDF Page Download Datasheet
SKRE Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKRE
Download  SKRE Click to download

File Size   148.62 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 1.5mm Height SidepushTM (Surface Mount Type)

SKRE Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


SKRE Product details

TACT Switch 1.5mm Height Sidepush (Surface Mount Type)



Horizontal type with 3.9 X 3.55 X 1.5mm dimension.




Similar Part No. - SKRE

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
SKRECFC KNIGHTSBRIDGE-SKRECFC Datasheet
91Kb / 1P
13A 3G recess mount power station with dual USB A C
22/04/2024
More results


Similar Description - SKRE

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQN ALPS-SKQN Datasheet
158Kb / 3P
7.3횞6.85mm SidepushTM (Radial Type)
SKRD ALPS-SKRD Datasheet
198Kb / 3P
6.2횞7.15mm SidepushTM (Snap-in Type)
SKRT ALPS-SKRT Datasheet
149Kb / 3P
4.5횞3.55mm SidepushTM (Surface Mount Type)
SKSC ALPS-SKSC Datasheet
190Kb / 3P
1.25mm Height Low-profile SidepushTM (Surface Mount Type)
SKSE ALPS-SKSE Datasheet
182Kb / 3P
5.9횞2.87mm SidepushTM Double Action (Surface Mount Type)
SSAD ALPS-SSAD Datasheet
304Kb / 4P
0.7(H)mm, 1.5mm-travel Surface Mount Type
SSAH ALPS-SSAH Datasheet
315Kb / 4P
0.9(H)mm, 1.5mm-travel Surface Mount Type
logo
LUMEX INC.
SML-LX1106UPGC-TR LUMEX-SML-LX1106UPGC-TR_17 Datasheet
88Kb / 1P
3mm X 1.5mm Surface Mount
SML-LX1204USBCRATR LUMEX-SML-LX1204USBCRATR_17 Datasheet
435Kb / 2P
3mm X 1.5mm Surface Mount
SML-LX1206GC-TR LUMEX-SML-LX1206GC-TR_17 Datasheet
418Kb / 2P
3mm X 1.5mm Surface Mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com