Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKRT Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKRT Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKRT
Download  SKRT Download
File Size   149.26 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 4.5횞3.55mm SidepushTM (Surface Mount Type)

SKRT Datasheet (PDF)

Go To PDF Page Download Datasheet
SKRT Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKRT
Download  SKRT Click to download

File Size   149.26 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 4.5횞3.55mm SidepushTM (Surface Mount Type)

SKRT Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


SKRT Product details

TACT Switch™ 4.5× 3.55mm Sidepush™ (Surface Mount Type)

Horizontal push with high solder strengh & tactile feeling.




Similar Part No. - SKRT

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRT ALPS-SKRT Datasheet
798Kb / 3P
Soldering of the frame realizes higher solder strength
SKRTLAE010 ALPS-SKRTLAE010 Datasheet
676Kb / 3P
Side push with high solder strength and tactile feeling
SKRTLBE010 ALPS-SKRTLBE010 Datasheet
676Kb / 3P
Side push with high solder strength and tactile feeling
SKRT ALPS-SKRT_15 Datasheet
676Kb / 3P
Side push with high solder strength and tactile feeling
More results


Similar Description - SKRT

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
Compact Surface Mount Type Compact Surface Mount Type
logo
ALPS ELECTRIC CO.,LTD.
SKQN ALPS-SKQN Datasheet
158Kb / 3P
7.3횞6.85mm SidepushTM (Radial Type)
SKRD ALPS-SKRD Datasheet
198Kb / 3P
6.2횞7.15mm SidepushTM (Snap-in Type)
SKRE ALPS-SKRE Datasheet
148Kb / 3P
1.5mm Height SidepushTM (Surface Mount Type)
SKSC ALPS-SKSC Datasheet
190Kb / 3P
1.25mm Height Low-profile SidepushTM (Surface Mount Type)
SKSE ALPS-SKSE Datasheet
182Kb / 3P
5.9횞2.87mm SidepushTM Double Action (Surface Mount Type)
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
Surface Mount Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com