Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKQN Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKQN Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKQN
Download  SKQN Download
File Size   158.46 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 7.3횞6.85mm SidepushTM (Radial Type)

SKQN Datasheet (PDF)

Go To PDF Page Download Datasheet
SKQN Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKQN
Download  SKQN Click to download

File Size   158.46 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 7.3횞6.85mm SidepushTM (Radial Type)

SKQN Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


SKQN Product details

TACT Switch™ 7.3× 6.85mm Sidepush™ (Radial Type)

Round-terminal horizontal type with excellent PC board mounting performance.




Similar Part No. - SKQN

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
SKQ48N10AD SKTECHNOLGY-SKQ48N10AD Datasheet
784Kb / 4P
100V N-Channel MOSFET
REV.08
SKQ50N03BD SKTECHNOLGY-SKQ50N03BD Datasheet
962Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
SKQ55P02AD SKTECHNOLGY-SKQ55P02AD Datasheet
779Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
ALPS ELECTRIC CO.,LTD.
SKQB ALPS-SKQB Datasheet
244Kb / 4P
10mm Square Water-proof (Snap-in Type)
SKQBAJA010 ALPS-SKQBAJA010 Datasheet
244Kb / 4P
10mm Square Water-proof (Snap-in Type)
More results


Similar Description - SKQN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRD ALPS-SKRD Datasheet
198Kb / 3P
6.2횞7.15mm SidepushTM (Snap-in Type)
SKRE ALPS-SKRE Datasheet
148Kb / 3P
1.5mm Height SidepushTM (Surface Mount Type)
SKRT ALPS-SKRT Datasheet
149Kb / 3P
4.5횞3.55mm SidepushTM (Surface Mount Type)
SKSC ALPS-SKSC Datasheet
190Kb / 3P
1.25mm Height Low-profile SidepushTM (Surface Mount Type)
SKSE ALPS-SKSE Datasheet
182Kb / 3P
5.9횞2.87mm SidepushTM Double Action (Surface Mount Type)
logo
Panasonic Semiconductor
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
Radial Lead Type
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
Radial Lead Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com