Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKRA Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKRA Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKRA
Download  SKRA Download
File Size   175.57 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 6.2mm Square with Middle-travel (Surface Mount Type)

SKRA Datasheet (PDF)

Go To PDF Page Download Datasheet
SKRA Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKRA
Download  SKRA Click to download

File Size   175.57 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 6.2mm Square with Middle-travel (Surface Mount Type)

SKRA Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


SKRA Product details

6.2mm Square with Middle-travel (Surface Mount Type)

Rubber stem helps to achieve travel of 0.3 to 0.55mm & over travel




Similar Part No. - SKRA

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRAAKE010 ALPS-SKRAAKE010 Datasheet
855Kb / 3P
6.2mm Square with Middle-travel (Surface Mount Type)
SKRAALE010 ALPS-SKRAALE010 Datasheet
855Kb / 3P
6.2mm Square with Middle-travel (Surface Mount Type)
SKRAAME010 ALPS-SKRAAME010 Datasheet
855Kb / 3P
6.2mm Square with Middle-travel (Surface Mount Type)
SKRAAQE010 ALPS-SKRAAQE010 Datasheet
855Kb / 3P
6.2mm Square with Middle-travel (Surface Mount Type)
SKRAAWE010 ALPS-SKRAAWE010 Datasheet
855Kb / 3P
6.2mm Square with Middle-travel (Surface Mount Type)
More results


Similar Description - SKRA

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPN ALPS-SKPN Datasheet
201Kb / 3P
Long-travel with Low Contact Resistance (Surface Mount Type)
SKQG ALPS-SKQG Datasheet
241Kb / 4P
5.2mm Square Low-profile (Surface Mount Type)
SKRW ALPS-SKRW Datasheet
196Kb / 3P
3.7mm Square Low-profile (Surface Mount Type)
SSAD ALPS-SSAD Datasheet
304Kb / 4P
0.7(H)mm, 1.5mm-travel Surface Mount Type
SSAH ALPS-SSAH Datasheet
315Kb / 4P
0.9(H)mm, 1.5mm-travel Surface Mount Type
SKQG ALPS-SKQG_15 Datasheet
861Kb / 4P
5.2mm Square Low-profile (Surface Mount Type)
SKRA ALPS-SKRA_15 Datasheet
855Kb / 3P
6.2mm Square with Middle-travel (Surface Mount Type)
SKRW ALPS-SKRW_15 Datasheet
721Kb / 3P
3.7mm Square Low-profile (Surface Mount Type)
SKSU ALPS-SKSU Datasheet
1Mb / 3P
Quiet Middle-stroke (Surface Mount Type)
logo
Panasonic Semiconductor
EVPBD6C1A000 PANASONIC-EVPBD6C1A000 Datasheet
323Kb / 8P
6 mm Square Middle Travel 2 terminals SMD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com