Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAH Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAH
Description  0.9(H)mm, 1.5mm-travel Surface Mount Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAH Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSAH Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAH Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAH Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAH Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
116
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
1
0.7
7
11 1
1
9.1
Dimensions
Unit:mm
Style
PC board mounting hole and land
dimensions
(Viewed from the direction A)
No.
Circuit Diagram(Viewed from Direction A)
1
2
1
2
3
4
c
1
0.7
11 1
1
9.1
0.4
1
1
1
1.2
1.5
1.5
ab
c
Travel
0.5
0.5
9.5
PC board mounting face
1.5
3
0.1
Terminal No.
①
A
0.9N
a
b
c
b
J
J
}
1.2N
b
a
b
c
J
J
}
0.4
1
1
1
1.2
1.5
1.5
ab
c
Travel
¿0.8
0.5
0.5
9.5
7
PC board mounting face
1.5
3
0.1
Terminal No.①
A
0.9N
ab
cb
J
J }
1.2N
ba
bc
J
J }
0.9(H)mm, 1.5mm-travel Surface MountType
SSAH Series
Slide Switch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com