Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM150N80DF Datasheet (PDF) - Rectron Semiconductor

RM150N80DF Datasheet PDF - Rectron Semiconductor
Part # RM150N80DF
Download  RM150N80DF Download
File Size   219.78 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

RM150N80DF Datasheet (PDF)

Go To PDF Page Download Datasheet
RM150N80DF Datasheet PDF - Rectron Semiconductor

Part # RM150N80DF
Download  RM150N80DF Click to download

File Size   219.78 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

RM150N80DF Datasheet (HTML) - Rectron Semiconductor


RM150N80DF Product details

Features
80V,150A
RDS(ON)<3.0mΩ VGS=10V TYP:2.5mΩ
RDS(ON)<4.0mΩ VGS=6V TYP:3.5mΩ
Surface-mounted package
Split Gate Trench Technology




Similar Part No. - RM150N80DF

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM150N100ADF RECTRON-RM150N100ADF Datasheet
422Kb / 7P
N-Channel Super Trench Power MOSFET
2023-08/69 REV:A
RM150N100AHD RECTRON-RM150N100AHD Datasheet
498Kb / 7P
N-Channel Super Trench Power MOSFET
2019-01/15 REV:O
RM150N100AT2 RECTRON-RM150N100AT2 Datasheet
380Kb / 8P
N-Channel Super Trench Power MOSFET
2018-12/15 REV:O
RM150N100HD RECTRON-RM150N100HD Datasheet
276Kb / 9P
N-Channel Super Trench Power MOSFET
2018-11/15 REV:A
RM150N100T2 RECTRON-RM150N100T2 Datasheet
242Kb / 9P
N-Channel Super Trench Power MOSFET
2018-11/15 REV:A
More results


Similar Description - RM150N80DF

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com