Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM150N80DF Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RM150N80DF
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM150N80DF Datasheet(HTML) 2 Page - Rectron Semiconductor

  RM150N80DF Datasheet HTML 1Page - Rectron Semiconductor RM150N80DF Datasheet HTML 2Page - Rectron Semiconductor RM150N80DF Datasheet HTML 3Page - Rectron Semiconductor RM150N80DF Datasheet HTML 4Page - Rectron Semiconductor RM150N80DF Datasheet HTML 5Page - Rectron Semiconductor RM150N80DF Datasheet HTML 6Page - Rectron Semiconductor RM150N80DF Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MOSFET ELECTRICAL CHARACTERISTICS(Ta=25
unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Type
Max
Unit
Static Characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250μA
80
-
-
V
Zero gate voltage drain current
IDSS
VDS =64V, VGS = 0V
-
-
1
μA
Gate-body leakage current
IGSS
VGS =
20V, VDS = 0V
-
-
±100
nA
Gate threshold voltage
VGS(th)
VDS =VGS, ID =250μA
2.0
-
4.0
V
Drain-source on-resistance(a)
RDS(on)
VGS =10V, ID =30A
-
2.5
3.0
mΩ
VGS =6V, ID =20A
3.5
43.0
mΩ
Dynamic characteristics
Input Capacitance
Ciss
VDS =40V, VGS =0V, f =1.0MHz
-
5591
-
pF
Output Capacitance
Coss
-
744
-
Reverse Transfer Capacitance
Crss
-
75
-
Switching characteristics
Turn-on delay time
td(on)
VDD=40V, ID=30A, RG=4.5Ω,
RL=1.3Ω,VG=10V
-
23
-
ns
Turn-on rise time
tr
-
65
-
Turn-off delay time
td(off)
-
71
-
Turn-off fall time
tf
-
73
-
Total Gate Charge
Qg
VDS=40V, ID=30A,
VGS=10V
-
101
-
nC
Gate-Source Charge
Qgs
-
28
-
Gate-Drain Charge
Qgd
-
25
-
Source-Drain Diode characteristics
Diode Forward voltage(a)
VSD
TJ=25
, VGS =0V, IS=30A
-
-
1.3
V
Diode Forward current
IS
TC=25
-
-
150
A
Body Diode Reverse Recovery Time
trr
TJ=25
IF=30A,di/dt=100A/us
62
ns
Body Diode Reverse Recovery Charge
Qrr
TJ=25
IF=30A,di/dt=100A/us
83
uc
Notes:
a) Pulse width
d 300 Ps, duty cycle d 2%
b) Guaranteed by design, not subject to production testing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com