Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP121 Datasheet (PDF) - Microchip Technology

MCP121 Datasheet PDF - Microchip Technology
Part # MCP121
Download  MCP121 Download
File Size   420.62 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Micropower Voltage Supervisors

MCP121 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP121 Datasheet PDF - Microchip Technology

Part # MCP121
Download  MCP121 Click to download

File Size   420.62 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Micropower Voltage Supervisors

MCP121 Datasheet (HTML) - Microchip Technology


MCP121 Product details

General Description
The MCP102/103/121/131 are voltage supervisor devices designed to keep a microcontroller in reset
until the system voltage has reached and stabilized at the proper level for reliable system operation. Table 1 shows the available features for these devices.

Features
• Ultra low supply current: 1.75 µA(steady-state max.)
• Precision monitoring options of:- 1.90V, 2.32V, 2.63V, 2.93V, 3.08V, 4.38V and 4.63V
• Resets microcontroller in a power-loss event
• RSTpin (Active-low):
    - MCP121:Active-low, open-drain
    - MCP131:Active-low, open-drain with internal pull-up resistor
    - MCP102and MCP103:Active-low, push-pull
• Reset Delay Timer (120 ms delay, typ.)
• Available in SOT23-3, TO-92 and SC-70 packages
• Temperature Range:
    - Extended: -40°C to +125°C(except MCP1XX-195)
    - Industrial: -40°C to +85°C (MCP1XX-195 only)
• Pb-free devices

Applications
• Critical Microcontroller and Microprocessor Power-monitoring Applications
• Computers
• Intelligent Instruments
• Portable Battery-powered Equipment




Similar Part No. - MCP121

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP121 MICROCHIP-MCP121 Datasheet
464Kb / 24P
Micropower Voltage Supervisors
2004
MCP121 MICROCHIP-MCP121 Datasheet
379Kb / 26P
Micropower Voltage Detector
2005
MCP121 MICROCHIP-MCP121 Datasheet
429Kb / 28P
Micropower Voltage Supervisors
2004-2013
MCP121 MICROCHIP-MCP121 Datasheet
400Kb / 26P
Micropower Voltage Detector
2004-2013
MCP121 MICROCHIP-MCP121 Datasheet
429Kb / 28P
Micropower Voltage Supervisors
11/29/12
More results


Similar Description - MCP121

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP121 MICROCHIP-MCP121 Datasheet
464Kb / 24P
Micropower Voltage Supervisors
2004
logo
Texas Instruments
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
logo
Microchip Technology
MCP102 MICROCHIP-MCP102_13 Datasheet
429Kb / 28P
Micropower Voltage Supervisors
2004-2013
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
logo
Microchip Technology
MCP103T-195I MICROCHIP-MCP103T-195I Datasheet
429Kb / 28P
Micropower Voltage Supervisors
11/29/12
logo
Texas Instruments
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
logo
Microchip Technology
MCP102 MICROCHIP-MCP102_14 Datasheet
688Kb / 28P
Micropower Voltage Supervisors
10/28/13
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com