Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP121 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP121
Description  Micropower Voltage Supervisors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP121 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP121 Datasheet HTML 3Page - Microchip Technology MCP121 Datasheet HTML 4Page - Microchip Technology MCP121 Datasheet HTML 5Page - Microchip Technology MCP121 Datasheet HTML 6Page - Microchip Technology MCP121 Datasheet HTML 7Page - Microchip Technology MCP121 Datasheet HTML 8Page - Microchip Technology MCP121 Datasheet HTML 9Page - Microchip Technology MCP121 Datasheet HTML 10Page - Microchip Technology MCP121 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21906B-page 7
MCP102/103/121/131
Note: Unless otherwise indicated, all limits are specified for: VDD = 1V to 5.5V, RPU = 100 kΩ (MCP121;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-13:
VTRIP vs. Temperature vs.
Hysteresis (MCP102-195).
FIGURE 2-14:
VTRIP vs. Temperature vs.
Hysteresis (MCP131-315).
FIGURE 2-15:
VTRIP vs. Temperature vs.
Hysteresis (MCP121-450).
FIGURE 2-16:
VOL vs. IOL
(MCP102-195 @ VDD = 1.7V).
FIGURE 2-17:
VOL vs. IOL
(MCP131-315 @ VDD = 2.9V).
FIGURE 2-18:
VOL vs. IOL
(MCP121-450 @ VDD = 4.1V).
1.895
1.900
1.905
1.910
1.915
1.920
1.925
1.930
1.935
1.940
1.945
-60
-10
40
90
140
Temperature (°C)
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
VTRIP, decreasing VDD
VHYS, Hysteresis
MCP102-195
VTRIP, increasing VDD
3.060
3.080
3.100
3.120
3.140
3.160
3.180
3.200
-60
-10
40
90
140
Temperature (°C)
0.090
0.092
0.094
0.096
0.098
0.100
0.102
0.104
0.106
0.108
MCP131-315
VTRIP, decreasing VDD
VTRIP, increasing VDD
VHYS, Hysteresis
4.300
4.350
4.400
4.450
4.500
4.550
-60
-20
20
60
100
140
Temperature (°C)
0.100
0.110
0.120
0.130
0.140
0.150
0.160
0.170
0.180
0.190
MCP121-450
VTRIP, decreasing VDD
VTRIP, increasing VDD
VHYS, Hysteresis
-0.020
0.000
0.020
0.040
0.060
0.080
0.100
0.120
0.00
0.25
0.50
0.75
1.00
IOL (mA)
-40°C
0°C
+85°C
+125°C
MCP102-195
VDD = 1.7V
+70°C
+25°C
0.000
0.010
0.020
0.030
0.040
0.050
0.060
0.070
0.00
0.25
0.50
0.75
1.00
IOL (mA)
MCP131-315
VDD = 2.9V
-40°C
+25°C
+85°C
+125°C
+70°C
0°C
0.000
0.010
0.020
0.030
0.040
0.050
0.060
0.00
0.25
0.50
0.75
1.00
IOL (mA)
MCP121-450
VDD = 4.1V
-40°C
+25°C
+85°C
+125°C
+70°C
0°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com