Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA025 Datasheet (PDF) - Microchip Technology

24AA025 Datasheet PDF - Microchip Technology
Part # 24AA025
Download  24AA025 Download
File Size   814.17 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description I2C??Serial EEPROM Family Data Sheet

24AA025 Datasheet (PDF)

Go To PDF Page Download Datasheet
24AA025 Datasheet PDF - Microchip Technology

Part # 24AA025
Download  24AA025 Click to download

File Size   814.17 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description I2C??Serial EEPROM Family Data Sheet

24AA025 Datasheet (HTML) - Microchip Technology


24AA025 Product details

Description:
The Microchip Technology Inc. 24AA024/24LC024/24AA025/24LC025 is a 2 Kbit Serial Electrically Erasable PROM with a voltage range of 1.7V to 5.5V. The device is organized as a single block of 256 x 8-bit memory with a 2-wire serial interface. Low current design permits operation with typical standby and active currents of only 1 μA and 1 mA, respectively. The device has a page write capability for up to 16 bytes of data. Functional address lines allow the connection of up to eight 24AA024/24LC024/24AA025/24LC025 devices on the same bus for up to 16K bits of contiguous EEPROM memory. The device is available in the standard 8-pin PDIP, 8-pin SOIC (3.90 mm), TSSOP, 2x3 DFN and TDFN and MSOP packages.

Features:
• Single Supply with Operation from 1.7V to 5.5V
   for 24AA024/24AA025 Devices, 2.5V for 24LC024/24LC025 Devices
• Low-Power CMOS Technology:
   - Read current 1 mA, typical
   - Standby current 1 μA, typical
• 2-Wire Serial Interface, I2C™ Compatible
• Cascadable up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 5 ms Maximum
• Self-timed Erase/Write Cycle
• 16-Byte Page Write Buffer
• Hardware Write-Protect on 24XX024 Devices
• ESD Protection >4,000V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 years
• Factory Programming Available
• Packages include 8-lead PDIP, SOIC, TSSOP, DFN, TDFN and MSOP
• Pb-Free and RoHS Compliant
• Temperature Ranges:
   - Industrial (I): -40°C to +85°C
   - Automotive (E): -40°C to +125°C




Similar Part No. - 24AA025

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA025 MICROCHIP-24AA025 Datasheet
328Kb / 22P
2K I2C Serial EEPROM
2004
24AA025 MICROCHIP-24AA025 Datasheet
402Kb / 26P
2K I2C??Serial EEPROM
2007
24AA025 MICROCHIP-24AA025 Datasheet
522Kb / 30P
2K I2C??Serial EEPROM
2009
24AA025 MICROCHIP-24AA025 Datasheet
555Kb / 30P
2K I2C Serial EEPROM
01/02/08
24AA025 MICROCHIP-24AA025 Datasheet
538Kb / 41P
2-Kbit I2C Serial EEPROM
More results


Similar Description - 24AA025

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
1K I2C??Serial EEPROM
2007
11AA010 MICROCHIP-11AA010 Datasheet
597Kb / 38P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
25LC080C MICROCHIP-25LC080C Datasheet
358Kb / 24P
8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC010A MICROCHIP-25LC010A_09 Datasheet
348Kb / 24P
1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
11AA010 MICROCHIP-11AA010_10 Datasheet
830Kb / 44P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2010
11AA010 MICROCHIP-11AA010_11 Datasheet
757Kb / 48P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
2002-2012
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
I2C??Serial EEPROM Family Data Sheet
06/25/07
11AA020T-I MICROCHIP-11AA020T-I Datasheet
830Kb / 44P
1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
24LC16B MICROCHIP-24LC16B_V01 Datasheet
355Kb / 24P
16-Kbit I2C Serial EEPROM High Temp Data Sheet
Rev B April 2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com