Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC16B Datasheet (PDF) - Microchip Technology

24LC16B Datasheet PDF - Microchip Technology
Part # 24LC16B_V01
Download  24LC16B Download
File Size   355.22 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16-Kbit I2C Serial EEPROM High Temp Data Sheet

24LC16B Datasheet (PDF)

Go To PDF Page Download Datasheet
24LC16B Datasheet PDF - Microchip Technology

Part # 24LC16B_V01
Download  24LC16B Click to download

File Size   355.22 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16-Kbit I2C Serial EEPROM High Temp Data Sheet

24LC16B Datasheet (HTML) - Microchip Technology


24LC16B Product details

Description
The Microchip Technology Inc. 24LC16B is a 16-Kbit
Electrically Erasable PROM (EEPROM). The device is
organized as eight blocks of 256 x 8-bit memory with a
two-wire serial interface. Its low-voltage design permits
operation down to 2.5V with standby and active
currents of only 1 μA and 1 mA, respectively. The
24LC16B also has a page write capability for up to
16 bytes of data.

Features
• Single Supply with Operation Down to 2.5V
• Low-Power CMOS Technology:
- Active current: 1 mA, typical
- Standby current: 1 μA, typical
• Two-Wire Serial Interface, I2C Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time: 5 ms, Maximum
• Self-Timed Erase/Write Cycle
• 16-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection > 4,000V
• More Than 1 Million Erase/Write Cycles
• Data Retention > 200 Years
• Factory Programming Available
• RoHS Compliant
• Temperature Ranges:
- High (H): -40°C to +150°C
• Automotive AEC-Q100 Qualified




Similar Part No. - 24LC16B_V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC16B-E/MC MICROCHIP-24LC16B-E/MC Datasheet
557Kb / 32P
16K I2C??Serial EEPROM
2009
24LC16B-E/MNY MICROCHIP-24LC16B-E/MNY Datasheet
557Kb / 32P
16K I2C??Serial EEPROM
2009
24LC16B-E/MS MICROCHIP-24LC16B-E/MS Datasheet
557Kb / 32P
16K I2C??Serial EEPROM
2009
24LC16B-E/OT MICROCHIP-24LC16B-E/OT Datasheet
557Kb / 32P
16K I2C??Serial EEPROM
2009
24LC16B-E/P MICROCHIP-24LC16B-E/P Datasheet
557Kb / 32P
16K I2C??Serial EEPROM
2009
More results


Similar Description - 24LC16B_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24164 STMICROELECTRONICS-M24164 Datasheet
135Kb / 21P
16 Kbit Serial I2C BUS EEPROM
23-Oct-2001
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
16 Kbit Serial I2C EEPROM with Extended Addressing
Feb-1999
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
17-Oct-2006
logo
Integrated Silicon Solu...
IS23SC1604 ISSI-IS23SC1604 Datasheet
77Kb / 18P
16-KBIT SECURED SERIAL EEPROM
logo
Microchip Technology
24AA025 MICROCHIP-24AA025 Datasheet
814Kb / 42P
I2C??Serial EEPROM Family Data Sheet
2007
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
I2C??Serial EEPROM Family Data Sheet
06/25/07
logo
STMicroelectronics
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
logo
Microchip Technology
24AA64 MICROCHIP-24AA64_V01 Datasheet
735Kb / 51P
64-Kbit I2C Serial EEPROM
09/14/21
logo
STMicroelectronics
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
16-Kbit serial I2C bus EEPROM
12-Oct-2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com