Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24164 Datasheet (PDF) - STMicroelectronics

M24164 Datasheet PDF - STMicroelectronics
Part # M24164
Download  M24164 Download
File Size   135.39 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Kbit Serial I2C BUS EEPROM

M24164 Datasheet (PDF)

Go To PDF Page Download Datasheet
M24164 Datasheet PDF - STMicroelectronics

Part # M24164
Download  M24164 Click to download

File Size   135.39 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Kbit Serial I2C BUS EEPROM

M24164 Datasheet (HTML) - STMicroelectronics


M24164 Product details

Features
■ Two Wire I2C Serial Interface Supports 400 kHz Protocol
■ Single Supply Voltage:
■ 4.5V to 5.5V for M24164
■ 2.5V to 5.5V for M24164-W
■ Write Control Input
■ BYTE and PAGE WRITE (up to 16 Bytes)
■ RANDOM and SEQUENTIAL READ Modes
■ Self-Timed Programming Cycle
■ Automatic Address Incrementing
■ Enhanced ESD/Latch-Up Behavior
■ More than 1 Million Erase/Write Cycles
■ More than 40 Year Data Retention




Similar Part No. - M24164

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M241 SSOUSA-M241 Datasheet
171Kb / 5P
Miniature 4 pin SOP package
logo
Solid State Inc
M241 SOLIDSTATE-M241 Datasheet
171Kb / 5P
Miniature 4 pin SOP package
logo
Alpha Wire
M2410 ALPHAWIRE-M2410 Datasheet
410Kb / 4P
28 (7/36) AWG Tinned Copper
M2412 ALPHAWIRE-M2412 Datasheet
410Kb / 4P
28 (7/36) AWG Tinned Copper
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128 Datasheet
135Kb / 17P
256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
01-Jun-2001
More results


Similar Description - M24164

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24C16 STMICROELECTRONICS-ST24C16 Datasheet
126Kb / 17P
16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
16 Kbit Serial I2C EEPROM with Extended Addressing
Feb-1999
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
17-Oct-2006
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
M24C16-DRE STMICROELECTRONICS-M24C16-DRE Datasheet
1Mb / 39P
16-Kbit serial IC bus EEPROM - 105C operation
15-Jan-2015
logo
Microchip Technology
24AA64 MICROCHIP-24AA64_V01 Datasheet
735Kb / 51P
64-Kbit I2C Serial EEPROM
09/14/21
24LC16B MICROCHIP-24LC16B_V01 Datasheet
355Kb / 24P
16-Kbit I2C Serial EEPROM High Temp Data Sheet
Rev B April 2022
logo
STMicroelectronics
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
16-Kbit serial I2C bus EEPROM
12-Oct-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com