Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4421M Datasheet (PDF) - Microchip Technology

TC4421M Datasheet PDF - Microchip Technology
Part # TC4421M
Download  TC4421M Download
File Size   225.07 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 9A High-Speed MOSFET Drivers

TC4421M Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4421M Datasheet PDF - Microchip Technology

Part # TC4421M
Download  TC4421M Click to download

File Size   225.07 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 9A High-Speed MOSFET Drivers

TC4421M Datasheet (HTML) - Microchip Technology


TC4421M Product details

General Description
The TC4421M/TC4422M are high-current buffer/drivers capable of driving large MOSFETs and IGBTs.
They are essentially immune to any form of upset, except direct overvoltage or over-dissipation. They cannot be latched, under any conditions, within their power and voltage ratings. These parts are not subject to damage or improper operation when up to 5V of ground bounce is present on their ground terminals. They can accept, without damage or logic upset, more than 1A inductive current of either polarity being forced back into their outputs. In addition, all terminals are fully protected against up to 4 kV of electrostatic discharge.

Features
• High Peak Output Current: 9A
• Wide Input Supply Voltage Operating Range:
    - 4.5V to 18V
• High Continuous Output Current: 2A Max
• Fast Rise and Fall Times:
    - 30 ns with 4,700 pF Load
    - 180 ns with 47,000 pF Load
• Short Propagation Delays: 30 ns (typ)
• Low Supply Current:
    - With Logic ‘1’ Input – 200 µA (typ)
    - With Logic ‘0’ Input – 55 µA (typ)
• Low Output Impedance: 1.4 (typ)
• Latch-Up Protected: Will Withstand 1.5A Output Reverse Current
• Input: Will Withstand Negative Inputs Up To 5V
• Pin-Compatible with the TC4420M/TC4429M 6A MOSFET Driver
• Wide Operating Temperature Range:
    - -55°C to +125°C
• See TC4421/TC4422 Data Sheet (DS21420) for additional temperature range and package offerings

Applications
• Line Drivers for Extra Heavily-Loaded Lines
• Pulse Generators
• Driving the Largest MOSFETs and IGBTs
• Local Power ON/OFF Switch
• Motor and Solenoid Driver




Similar Part No. - TC4421M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4421MJA TELCOM-TC4421MJA Datasheet
78Kb / 6P
9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4421MJA MICROCHIP-TC4421MJA Datasheet
458Kb / 14P
9A High-Speed MOSFET Drivers
2002
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
9A High-Speed MOSFET Drivers
11/29/12
More results


Similar Description - TC4421M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4421 TELCOM-TC4421 Datasheet
78Kb / 6P
9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
9A High-Speed MOSFET Drivers
2004
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_13 Datasheet
373Kb / 20P
9A High-Speed MOSFET Drivers
11/27/12
TC4421A MICROCHIP-TC4421A_13 Datasheet
385Kb / 22P
9A High-Speed MOSFET Drivers
11/29/12
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
9A High-Speed MOSFET Drivers
11/29/12
TC4422ESM MICROCHIP-TC4422ESM Datasheet
276Kb / 18P
9A High-Speed MOSFET Drivers
08/24/04
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com