Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4421A Datasheet (PDF) - Microchip Technology

TC4421A Datasheet PDF - Microchip Technology
Part # TC4421A
Download  TC4421A Download
File Size   374.14 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 9A High-Speed MOSFET Drivers

TC4421A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4421A Datasheet PDF - Microchip Technology

Part # TC4421A
Download  TC4421A Click to download

File Size   374.14 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 9A High-Speed MOSFET Drivers

TC4421A Datasheet (HTML) - Microchip Technology


TC4421A Product details

General Description
The TC4421A/TC4422A are improved versions of the earlier TC4421/TC4422 family of single-output MOSFET drivers. These devices are high-current buffer/drivers capable of driving large MOSFETs and Insulated Gate Bipolar Transistors (IGBTs). The TC4421A/TC4422A have matched output rise and fall times, as well as matched leading and falling-edge propagation delay times. The TC4421A/TC4422A devices also have very low cross-conduction current, reducing the overall power dissipation of the device.

Features
• High Peak Output Current: 10A (typ.)
• Low Shoot-Through/Cross-Conduction Current in Output Stage
• Wide Input Supply Voltage Operating Range:
    - 4.5V to 18V
• High Continuous Output Current: 2A (max.)
• Matched Fast Rise and Fall Times:
    - 15 ns with 4,700 pF Load
    - 135 ns with 47,000 pF Load
• Matched Short Propagation Delays: 42 ns (typ.)
• Low Supply Current:
    - With Logic ‘1’ Input – 130 µA (typ.)
    - With Logic ‘0’ Input – 33 µA (typ.)
• Low Output Impedance: 1.2 (typ.)
• Latch-Up Protected: Will Withstand 1.5A Output Reverse Current
• Input Will Withstand Negative Inputs Up To 5V
• Pin-Compatible with the TC4420/TC4429 and TC4421/TC4422 MOSFET Drivers
• Space-Saving, Thermally-Enhanced, 8-Pin DFN Package

Applications
• Line Drivers for Extra Heavily-Loaded Lines
• Pulse Generators
• Driving the Largest MOSFETs and IGBTs
• Local Power ON/OFF Switch
• Motor and Solenoid Driver
• LF Initiator




Similar Part No. - TC4421A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4421AVAT MICROCHIP-TC4421AVAT Datasheet
385Kb / 22P
9A High-Speed MOSFET Drivers
11/29/12
TC4421AVMF MICROCHIP-TC4421AVMF Datasheet
385Kb / 22P
9A High-Speed MOSFET Drivers
11/29/12
TC4421AVOA MICROCHIP-TC4421AVOA Datasheet
385Kb / 22P
9A High-Speed MOSFET Drivers
11/29/12
TC4421A MICROCHIP-TC4421A_13 Datasheet
385Kb / 22P
9A High-Speed MOSFET Drivers
11/29/12
More results


Similar Description - TC4421A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4421 TELCOM-TC4421 Datasheet
78Kb / 6P
9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
9A High-Speed MOSFET Drivers
2004
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_13 Datasheet
373Kb / 20P
9A High-Speed MOSFET Drivers
11/27/12
TC4421A MICROCHIP-TC4421A_13 Datasheet
385Kb / 22P
9A High-Speed MOSFET Drivers
11/29/12
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
9A High-Speed MOSFET Drivers
11/29/12
TC4422ESM MICROCHIP-TC4422ESM Datasheet
276Kb / 18P
9A High-Speed MOSFET Drivers
08/24/04
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com