Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7366R Datasheet (PDF) - LSI Computer Systems

LS7366R Datasheet PDF - LSI Computer Systems
Part # LS7366R
Download  LS7366R Download
File Size   91.19 Kbytes
Page   13 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description 32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE

LS7366R Datasheet (PDF)

Go To PDF Page Download Datasheet
LS7366R Datasheet PDF - LSI Computer Systems

Part # LS7366R
Download  LS7366R Click to download

File Size   91.19 Kbytes
Page   13 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description 32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE

LS7366R Datasheet (HTML) - LSI Computer Systems


LS7366R Product details

GENERAL DESCRIPTION:

LS7366R is a 32-bit CMOS counter, with direct interface for quadrature clocks from incremental encoders. It also interfaces with the index signals from incremental encoders to perform variety of marker functions.



GENERAL FEATURES:

• Operating voltage: 3V to 5.5V (VDD - VSS)

• 5V count frequency: 40MHz

• 3V count frequency: 20MHz

• 32-bit counter (CNTR).

• 32-bit data register (DTR) and comparator.

• 32-bit output register (OTR).

• Two 8-bit mode registers (MDR0, MDR1) for programmable functional modes.

• 8-bit instruction register (IR).

• 8-bit status register (STR).

• Latched Interrupt output on Carry or Borrow or Compare or Index.

• Index driven counter load, output register load or counter reset.

• Internal quadrature clock decoder and filter.

• x1, x2 or x4 mode of quadrature counting.

• Non-quadrature up/down counting.

• Modulo-N, Non-recycle, Range-limit or Free-running modes of counting

• 8-bit, 16-bit, 24-bit and 32-bit programmable configuration synchronous (SPI) serial interface

• LS7366R (DIP), LS7366R-S (SOIC), LS7366R-TS (TSSOP)



SPI/MICROWIRE (Serial Peripheral Interface):

• Standard 4-wire connection: MOSI, MISO, SS/ and SCK.

• Slave mode only.




Similar Part No. - LS7366R

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
More results


Similar Description - LS7366R

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCTL-2000 HP-HCTL-2000 Datasheet
319Kb / 18P
Quadrature Decoder/Counter Interface ICs
logo
LSI Computer Systems
LS7166 LSI-LS7166 Datasheet
79Kb / 12P
24-BIT QUADRATURE COUNTER
LS7366 LSI-LS7366 Datasheet
83Kb / 10P
32 BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7166 LSI-LS7166_06 Datasheet
107Kb / 15P
24-BIT QUADRATURE COUNTER
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-2001 AVAGO-HCTL-2001 Datasheet
183Kb / 12P
Quadrature Decoder/Counter Interface ICs
HCTL-2017 AVAGO-HCTL-2017 Datasheet
174Kb / 12P
Quadrature Decoder/Counter Interface ICs
HCTL-2032 AVAGO-HCTL-2032 Datasheet
387Kb / 21P
Quadrature Decoder/ Counter Interface ICs
logo
LSI Computer Systems
LS7766 LSI-LS7766 Datasheet
226Kb / 14P
32-BIT SINGLE- AXIS/DUAL-AXIS QUADRATURE COUNTER
LS7166 LSI-LS7166_08 Datasheet
246Kb / 19P
24-BIT QUADRATURE COUNTER
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com