Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7366R Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS7366R
Description  32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7366R Datasheet(HTML) 6 Page - LSI Computer Systems

Back Button LS7366R Datasheet HTML 2Page - LSI Computer Systems LS7366R Datasheet HTML 3Page - LSI Computer Systems LS7366R Datasheet HTML 4Page - LSI Computer Systems LS7366R Datasheet HTML 5Page - LSI Computer Systems LS7366R Datasheet HTML 6Page - LSI Computer Systems LS7366R Datasheet HTML 7Page - LSI Computer Systems LS7366R Datasheet HTML 8Page - LSI Computer Systems LS7366R Datasheet HTML 9Page - LSI Computer Systems LS7366R Datasheet HTML 10Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Parameter
Symbol
Min. Value
Max.Value
Unit
Remarks
Non-Quadrature Mode
(See Fig. 6 & 9)
Clock A - High Pulse Width
t6
12
-
ns
-
Clock A - Low Pulse Width
t7
12
-
ns
-
Direction Input B Set-up Time
t8S
12
-
ns
-
Direction Input B Hold Time
t8H
10
-
ns
-
Clock Frequency (non-Mod-N)
fA
-
40
MHz
fA = (1/(t6 + t7))
Clock to DFLAG/ or
t9
20
-
ns
-
LFLAG/ delay
DFLAG/ output width
t10
12
-
ns
t10 = t7
Transient Characteristics. (TA = -25˚C to +85˚C, VDD = 3.3V ± 10%)
Parameter
Symbol
Min. Value
Max.Value
Unit
Remarks
(See Fig. 2)
SCK High Pulse Width
tCH
120
-
ns
-
SCK Low Pulse Width
tCL
120
-
ns
-
SS/ Set Up Time
tCSL
120
-
ns
-
SS/ Hold Time
tCSH
120
-
ns
-
Quadrature Mode
(See Fig. 5, 7 & 8)
fCKI High Pulse Width
t1
24
-
ns
-
fCKI Pulse Width
t2
24
-
ns
-
fCKI Frequency
fFCK
-
20
MHz
-
Effective Filter Clock fF Period
t3
50
-
ns
t3 = t1+t2, MDR0 <7> = 0
t3
100
-
ns
t3 = 2(t1+t2), MDR0 <7> = 1
Effective Filter Clock fF frequency
fF
-
20
MHz
fF = 1/ t3
Quadrature Separation
t4
52
-
ns
t4 > t3
Quadrature Clock Pulse Width
t5
105
-
ns
t5
≥ 2t3
Quadrature Clock frequency
fQA, fQB
-
4.5
MHz
fQA = fQB < 1/4t3
Quadrature Clock to Count Delay
tQ1
4t3
5t3
-
-
x1/x2/x4 Count Clock Pulse Width
tQ2
25
-
ns
tQ2 = (t3)/2
Index Input Pulse Width
tid
60
-
ns
tid > t4
Index Set Up Time
tis
-
10
ns
-
Index Hold Time
tih
-
10
ns
-
Quadrature clock to
tfl
4.5t3
5.5t3
ns
-
DFLAG/ or LFLAG/ delay
DFLAG/ output width
tfw
52
-
ns
tfw = t4
Non-Quadrature Mode
(See Fig. 6 & 9)
Clock A - High Pulse Width
t6
24
-
ns
-
Clock A - Low Pulse Width
t7
24
-
ns
-
Direction Input B Set-up Time
t8S
24
-
ns
-
Direction Input B Hold Time
t8H
24
-
ns
-
Clock Frequency (non-Mod-N)
fA
-
40
MHz
fA = (1/(t6 + t7))
Clock to DFLAG/or
t9
40
-
ns
-
LFLAG/ delay
DFLAG/ output width
t10
24
-
ns
t10 = t7
7366R-041906-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com