Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS53319HT Datasheet (PDF) - Reed Semiconductor Corp.

RS53319HT Datasheet PDF - Reed Semiconductor Corp.
Part # RS53319HT
Download  RS53319HT Download
File Size   161.16 Kbytes
Page   2 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description 2.85V to 16V Input, 20A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit

RS53319HT Datasheet (PDF)

Go To PDF Page Download Datasheet
RS53319HT Datasheet PDF - Reed Semiconductor Corp.

Part # RS53319HT
Download  RS53319HT Click to download

File Size   161.16 Kbytes
Page   2 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description 2.85V to 16V Input, 20A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit

RS53319HT Datasheet (HTML) - Reed Semiconductor Corp.


RS53319HT Product details

Features
• Robust Constant On Time (RCOTTM) Control
with fast transient response
• Input Voltage Range: 2.85V to 16V with
external bias, or 4V to 16V with internal bias
• Output Voltage Range: 0.6V to 5.5V for
RS53319L, 0.9V to 5.5V for RS53319H. 90%
max duty cycle
• 20A continuous output current
• Excellent load and line regulations with 0.5%
voltage accuracy
• Differential Remote Sensing
• Mode Selection Between Pulse Skip and CCM
at Light Load
• Programmable soft-start time
• 1.0μA Current into VIN Pin during Shutdown
• Programmable Switch Valley Current Limit
• Adjustable Switching Frequency: 600kHz,
800kHz, 1000kHz and 2.2MHz
• Non-latch OCP, UVP, UVLO and OTP. Latchoff
OVP
• 3mm x 4mm 21-Pin QFN Package
• RoHS compliant and Green




Similar Part No. - RS53319HT

ManufacturerPart #DatasheetDescription
logo
Reed Semiconductor Corp...
RS53319H REED-RS53319H Datasheet
471Kb / 8P
2.85V to 16V Input, 20A Synchronous Step-Down Converter with Programmable Switching Frequency and Over-Current Limit
RS53319HR REED-RS53319HR Datasheet
471Kb / 8P
2.85V to 16V Input, 20A Synchronous Step-Down Converter with Programmable Switching Frequency and Over-Current Limit
More results


Similar Description - RS53319HT

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
2A Synchronous Step-Down Converter with Programmable Input Current Limit
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
2A Step-Down Converter with Adjustable Input Current Limit
logo
Monolithic Power System...
MPQ8633B MPS-MPQ8633B Datasheet
1Mb / 21P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2276 MPS-MP2276 Datasheet
1Mb / 23P
8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
MPQ8623 MPS-MPQ8623 Datasheet
1Mb / 20P
16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
MPQ8634A MPS-MPQ8634A Datasheet
1Mb / 20P
16V, 12A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8634B MPS-MPQ8634B Datasheet
1Mb / 20P
16V, 20A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
logo
MPS Industries, Inc.
MP8792 MPSIND-MP8792 Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com