Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8792 Datasheet (PDF) - MPS Industries, Inc.

MP8792 Datasheet PDF - MPS Industries, Inc.
Part # MP8792
Download  MP8792 Download
File Size   1781.0 Kbytes
Page   20 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking

MP8792 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8792 Datasheet PDF - MPS Industries, Inc.

Part # MP8792
Download  MP8792 Click to download

File Size   1781.0 Kbytes
Page   20 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking

MP8792 Datasheet (HTML) - MPS Industries, Inc.


MP8792 Product details

DESCRIPTION
The MP8792 is a fully integrated, highfrequency,
synchronous buck converter. It
offers a compact solution to achieve up to 12A
of output current over a wide input supply range
with excellent load and line regulation. The
MP8792 operates at high efficiency over a wide
output current load range.
The MP8792 adopts internally compensated
constant-on-time (COT) control to provide fast
transient response and ease loop stabilization.
The operating frequency can be set to 600kHz,
800kHz, or 1000kHz with MODE configuration,
allowing the MP8792’s frequency to remain
constant regardless of the input or output
voltages.
The output voltage start-up ramp is controlled
by an internal 1ms timer. It can be increased by
adding a capacitor on TRK/REF. An open-drain
power good (PG) signal indicates whether the
output is within its nominal voltage range. The
PGOOD pin is clamped to about 0.7V by an
external pull-up voltage when the input supply
fails to power the MP8792.
Fully integrated protection features include overcurrent
protection (OCP), over-voltage protection
(OVP), under-voltage protection (UVP), and overtemperature
protection (OTP).
The MP8792 requires a minimal number of
readily available, standard external components.
It is available in a QFN (3mmx4mm) package.

FEATURES
 Wide Input Voltage Range from 2.7V
o 2.7V to 16V with External 3.3V VCC Bias
o 4V to 16V with Internal VCC Bias or
External 3.3V VCC Bias
 Differential Output Voltage Remote Sense
 Configurable Accurate Current Limit Level
 12A Output Current
 Low RDS(ON) Integrated Power MOSFETs
 Proprietary Switching Loss Reduction
Technique
 Adaptive COT for Ultra-Fast Transient
Response
 Stable with Zero-ESR Output Capacitor
 0.5% Reference Voltage across a 0°C to
70°C Junction Temperature Range
 1% Reference Voltage across a -40°C to
+125°C Junction Temperature Range
 Selectable Pulse Skip or Forced CCM
Operation
 Excellent Load Regulation
 Output Voltage Tracking
 Output Voltage Discharge
 PGOOD Active Clamped at Low Level
during Power Failure
 Programmable Soft-Start Time from 1ms
 Pre-Biased Start-Up
 Selectable Switching Frequency from
600kHz, 800kHz, and 1000kHz
 Non-Latch OCP, UVP, OVP, UVLO, and
Thermal Shutdown
 Output Adjustable from 0.6V to 90% of VIN,
up to 5.5V Max
 Available in a QFN (3mmx4mm) Package
 The MPL-AY1265 Inductor Series Matches
Best Performance

APPLICATIONS
 FPGAs, High-Definition TVs, and Monitors
 Communication Systems
 General Power Distribution Systems




Similar Part No. - MP8792

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
MP8794GLE MPSIND-MP8794GLE Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
logo
Exar Corporation
MP8795 EXAR-MP8795 Datasheet
932Kb / 14P
CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
MP8795AN EXAR-MP8795AN Datasheet
932Kb / 14P
CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
MP8795AS EXAR-MP8795AS Datasheet
932Kb / 14P
CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - MP8792

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
2A Step-Down Converter with Adjustable Input Current Limit
logo
Monolithic Power System...
MP38873 MPS-MP38873 Datasheet
387Kb / 14P
15A, 16V, High Frequency Step-Down Converter with Synchronous Gate Driver
MPQ8633A MPS-MPQ8633A Datasheet
1Mb / 23P
16 V, 12 A, Synchronous Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8633B MPS-MPQ8633B Datasheet
1Mb / 21P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MPQ8623 MPS-MPQ8623 Datasheet
1Mb / 20P
16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
MPQ8634A MPS-MPQ8634A Datasheet
1Mb / 20P
16V, 12A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8634B MPS-MPQ8634B Datasheet
1Mb / 20P
16V, 20A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8626 MPS-MPQ8626 Datasheet
1Mb / 23P
16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
Rev. 1.1 8/16/2022
logo
MPS Industries, Inc.
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com