Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8792 Datasheet(PDF) 5 Page - MPS Industries, Inc.

Part # MP8792
Description  16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8792 Datasheet(HTML) 5 Page - MPS Industries, Inc.

  MP8792 Datasheet HTML 1Page - MPS Industries, Inc. MP8792 Datasheet HTML 2Page - MPS Industries, Inc. MP8792 Datasheet HTML 3Page - MPS Industries, Inc. MP8792 Datasheet HTML 4Page - MPS Industries, Inc. MP8792 Datasheet HTML 5Page - MPS Industries, Inc. MP8792 Datasheet HTML 6Page - MPS Industries, Inc. MP8792 Datasheet HTML 7Page - MPS Industries, Inc. MP8792 Datasheet HTML 8Page - MPS Industries, Inc. MP8792 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MP8792 – 16V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8792 Rev. 1.0
www.MonolithicPower.com
5
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) .....................................18V
VSW (DC) .................................. -0.3V to VIN + 0.3V
VSW (25ns) (2) ................................... -3V to +25V
VSW (25ns)....................................... -5V to +25V
VBST .....................................................VSW + 4V
VCC, EN...................................................... 4.5V
All other pins............................... -0.3V to +4.3V
Junction temperature ............................... 170°C
Lead temperature .................................... 260°C
Storage temperature ................ -65°C to +170°C
ESD Rating
Human body model (HBM) ......................2000V
Charged device model (CDM)....................750V
Recommended Operating Conditions (3)
Supply voltage (VIN) ........................... 4V to 16V
VIN(DC) - VSW(DC) (4) ..................-0.3V to VIN + 0.3V
VSW(DC) (4)...............................-0.3V to VIN + 0.3V
Output voltage (VOUT)..................... 0.6V to 5.5V
External VCC bias (VCC_EXT) ......... 3.12V to 3.6V
Maximum output current (IOUT_MAX) ...............12A
Maximum output current limit (IOC_MAX) .........16A
Maximum peak inductor current (IL_PEAK) ......18A
EN voltage (VEN) ........................................3.6V
Operating junction temp (TJ)…. -40°C to +125°C
Thermal Resistance
θJA
θJC
QFN-21 (3mmx4mm)
EVL8792-LE-00A (5)..
.……….…29…...4.... °C/W
JESD51-7 (6)..
.……….…………50…..12.....°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) Measured by using differential oscilloscope probe.
3) The device is not guaranteed to function outside of its
operating conditions.
4) The voltage rating can be in the range of -3V to +23V for a
period of 25ns or shorter with a maximum repetition rate of
1000kHz when the input voltage is 16V.
5) Measured on EVL8792-LE-00A, 4-layer PCB, 78mmx81mm.
6) The
value of θ
JA given in this table is only valid for comparison
with other packages and cannot be used for design purposes.
These values were calculated in accordance with JESD51-7,
and simulated on a specified JEDEC board. They do not
represent the performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com