Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8792 Datasheet(PDF) 14 Page - MPS Industries, Inc.

Part # MP8792
Description  16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8792 Datasheet(HTML) 14 Page - MPS Industries, Inc.

Back Button MP8792 Datasheet HTML 10Page - MPS Industries, Inc. MP8792 Datasheet HTML 11Page - MPS Industries, Inc. MP8792 Datasheet HTML 12Page - MPS Industries, Inc. MP8792 Datasheet HTML 13Page - MPS Industries, Inc. MP8792 Datasheet HTML 14Page - MPS Industries, Inc. MP8792 Datasheet HTML 15Page - MPS Industries, Inc. MP8792 Datasheet HTML 16Page - MPS Industries, Inc. MP8792 Datasheet HTML 17Page - MPS Industries, Inc. MP8792 Datasheet HTML 18Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP8792 – 16V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8792 Rev. 1.0
www.MonolithicPower.com
14
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Figure 4 shows pulse skip mode operation
under light-load conditions. When VFB drops
below the superimposed COMP, the HS-FET
turns on for a fixed interval. When the HS-FET
turns off, the LS-FET turns on until the inductor
current reaches zero.
During pulse skip mode, VFB does not reach the
superimposed COMP when the inductor current
approaches zero. The LS-FET driver switches
to tri-state (HI-Z) when the inductor current
reaches zero.
A current modulator controls the LS-FET and
limits the inductor current to below -1mA. This
allows the output capacitors to discharge slowly
to PGND through the LS-FET. Under light-load
conditions, the HS-FET does not turn on as
frequently in pulse skip mode as it does in
forced CCM. As a result, the efficiency in pulse
skip mode is improved compared to forced
CCM operation.
PWM
REF
RAMP
FB
COMP
tON
HS-FET
Driver
LS-FET
Driver
IL
IO
Figure 4: Pulse Skip at Light-Load
As the output current increases from light load,
the time period during which the current
modulator regulates becomes shorter. The HS-
FET
turns
on
more
frequently,
and
the
switching frequency increases accordingly. The
output current reaches the critical level when
the current modulator time is zero. The critical
level of the output current can be calculated
with Equation (1):
IN
SW
OUT
OUT
IN
OUT
V
f
L
V
V
V
I
2
)
(
(1)
Where fSW is the switching frequency.
The MP8792 enters PWM mode once the
output
current
exceeds
the
critical
level.
Afterward, the switching frequency remains
fairly constant over the output current range.
The MP8792 can be configured to operate in
forced CCM, even under light-load conditions
(see Table 1).
Mode Selection
The
MP8792
provides
both
forced
CCM
operation and pulse skip mode operation under
light-load conditions. The MP8792 has three
options
for
switching
frequency:
600kHz,
800kHz, and 1000kHz. The operation mode
and
switching
frequency
are
selected
by
choosing the resistance value of the resistor
connected between MODE and AGND or VCC
(see Table 1).
Table 1: Mode Selection
Mode
Light-Load
Mode
Switching
Frequency
VCC
Pulse skip
600kHz
243
kΩ (±20%)
to GND
Pulse skip
800kHz
121
kΩ (±20%)
to GND
Pulse skip
1000kHz
GND
Forced CCM
600kHz
30.1
kΩ (±20%)
to GND
Forced CCM
800kHz
60.4
kΩ (±20%)
to GND
Forced CCM
1000kHz
Soft Start (SS)
The minimum soft-start time is 1ms; it can be
increased by adding a soft-start capacitor
between TRK/REF and VSNS-.
The total SS capacitor value can be estimated
with Equation (2):
SS
SS
t (ms) 36 A
C (nF)
0.6(V)

(2)
Output Voltage Tracking and Reference
The MP8792 provides an analog input pin
(TRK/REF) to track another power supply or
accept an external reference. When an external
voltage signal is connected to TRK/REF, it acts
as a reference for the MP8792 output voltage.
VFB follows this external voltage signal, and the
soft-start settings are ignored. The TRK/REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com