Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8792 Datasheet(PDF) 7 Page - MPS Industries, Inc.

Part # MP8792
Description  16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8792 Datasheet(HTML) 7 Page - MPS Industries, Inc.

Back Button MP8792 Datasheet HTML 3Page - MPS Industries, Inc. MP8792 Datasheet HTML 4Page - MPS Industries, Inc. MP8792 Datasheet HTML 5Page - MPS Industries, Inc. MP8792 Datasheet HTML 6Page - MPS Industries, Inc. MP8792 Datasheet HTML 7Page - MPS Industries, Inc. MP8792 Datasheet HTML 8Page - MPS Industries, Inc. MP8792 Datasheet HTML 9Page - MPS Industries, Inc. MP8792 Datasheet HTML 10Page - MPS Industries, Inc. MP8792 Datasheet HTML 11Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MP8792 – 16V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8792 Rev. 1.0
www.MonolithicPower.com
7
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = -40°C to +125°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Enable and UVLO
Enable input rising threshold
VIHEN
1.17
1.22
1.27
V
Enable hysteresis
VEN-HYS
200
mV
Enable input current
IEN
VEN = 2V
0
μA
Soft shutdown discharge FET
RON_DISCH
80
150
Ω
VIN UVLO
VIN under-voltage lockout
rising threshold
VINVth_Rise
VCC = 3.3V
2.1
2.4
2.7
V
VIN under-voltage lockout
falling threshold
VINVth_Fall
1.55
1.85
2.15
V
VCC Regulator
VCC under-voltage lockout
rising threshold
VCCVth_Rise
2.65
2.8
2.95
V
VCC under-voltage lockout
falling threshold
VCCvth_Fall
2.35
2.5
2.65
V
VCC regulator
VCC
2.88
3.00
3.12
V
VCC load regulation
ICC = 25mA
0.5
%
Power Good
Power good high threshold
PGVth_Hi_Rise
FB from low to high
89.5%
92.5%
95.5%
VREF
PGVth_Hi_Fall
FB from low to high
102%
105%
108%
VREF
Power good low threshold
PGVth_Lo_Rise
FB from low to high
113%
116%
119%
VREF
PGVth_Lo_Fall
FB from high to low
77%
80%
83%
VREF
Power good low-to-high delay
PGTd
TJ = 25°C
0.63
0.9
1.17
ms
Power good sink current
capability
VPG
IPG = 10mA
0.4
V
Power good leakage current
IPG_LEAK
VPG = 3.3V
3
µA
Power good low-level output
voltage
VOL_100
VIN = 0V, Pull PGOOD up to
3.3V through a 100k
Ω
resistor at 25°C
650
800
mV
VOL_10
VIN = 0V, Pull PGOOD up to
3.3V through a 10k
Ω
resistor at 25°C
750
900
mV
Thermal Protection
Thermal shutdown (7)
TSD
160
°C
Thermal shutdown hysteresis (7)
30
°C
Note:
7) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com