Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8792 Datasheet(PDF) 18 Page - MPS Industries, Inc.

Part # MP8792
Description  16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8792 Datasheet(HTML) 18 Page - MPS Industries, Inc.

Back Button MP8792 Datasheet HTML 12Page - MPS Industries, Inc. MP8792 Datasheet HTML 13Page - MPS Industries, Inc. MP8792 Datasheet HTML 14Page - MPS Industries, Inc. MP8792 Datasheet HTML 15Page - MPS Industries, Inc. MP8792 Datasheet HTML 16Page - MPS Industries, Inc. MP8792 Datasheet HTML 17Page - MPS Industries, Inc. MP8792 Datasheet HTML 18Page - MPS Industries, Inc. MP8792 Datasheet HTML 19Page - MPS Industries, Inc. MP8792 Datasheet HTML 20Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MP8792 – 16V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8792 Rev. 1.0
www.MonolithicPower.com
18
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
)
1
(
2
IN
OUT
SW
OUT
OUT
LP
V
V
L
f
V
I
I
(16)
MPS inductors are optimized and tested for use
with our complete line of integrated circuits.
Table
2
lists
our
power
inductor
recommendations. Select a part number based
on your design requirements.
Table 2: Power Inductor Selection
Part Number
Inductor
Value
Manufacturer
MPL-AY1265
0.47
μH
MPS
Visit MonolithicPower.com under Products >
Inductors for more information.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation. For the best results, refer to Figure 6
and follow the guidelines below:
1. Place the input MLCC capacitors as close to
the VIN and PGND pins as possible.
2. Place major MLCC capacitors on the same
layer as the MP8792.
3. Maximize the VIN and PGND copper plane
to minimize parasitic impedance.
4. For the QFN-21 package, a 0402 capacitor
with a minimum 1µF value is required.
5. Place the 0402 capacitor on the right side of
the IC.
6. Extend VIN to the right side and connect it to
the 0402 capacitor.
7. Place at least two 20/10 mil vias on the
ground side of the capacitor to the inner solid
ground plane.
8. Place as many PGND vias as possible close
to PGND, to minimize parasitic impedance
and thermal resistance.
9. Place the VCC decoupling capacitor close to
the device.
10. Connect AGND and PGND at the point of the
VCC capacitor
’s ground connection.
11. Place the BST capacitor as close to BST and
SW as possible. Use traces (with a width of
20 mil or wider) to route the path. It is
recommended to use a bootstrap capacitor
between 0.1µF and 1µF.
12. Place the REF capacitor close to TRK/REF
to VSNS-.
13. If a via must be placed on the PGOOD pad,
place it at least 10mm away from the positive
side of the first input decoupling capacitor,
close to the IC.
SW
PGND
VOUT
PGND
VIN
VO-
RFB2
CSS2
VOSENSE+
VOSENSE-
CVCC
VIN
Figure 6: Recommended PCB Layout (QFN-21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com