Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8792 Datasheet(PDF) 6 Page - MPS Industries, Inc.

Part # MP8792
Description  16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8792 Datasheet(HTML) 6 Page - MPS Industries, Inc.

Back Button MP8792 Datasheet HTML 2Page - MPS Industries, Inc. MP8792 Datasheet HTML 3Page - MPS Industries, Inc. MP8792 Datasheet HTML 4Page - MPS Industries, Inc. MP8792 Datasheet HTML 5Page - MPS Industries, Inc. MP8792 Datasheet HTML 6Page - MPS Industries, Inc. MP8792 Datasheet HTML 7Page - MPS Industries, Inc. MP8792 Datasheet HTML 8Page - MPS Industries, Inc. MP8792 Datasheet HTML 9Page - MPS Industries, Inc. MP8792 Datasheet HTML 10Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MP8792 – 16V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8792 Rev. 1.0
www.MonolithicPower.com
6
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Supply current (shutdown)
IIN
VEN = 0V
10
20
μA
Supply current (quiescent)
IIN
VEN = 2V, VFB = 0.62V
650
850
μA
MOSFET
Switch leakage
SWLKG_HS
VEN = 0V, VSW = 0V
0
10
μA
SWLKG_LS
VEN = 0V, VSW = 12V
0
30
HS on state resistance
RDS_ON_HS
VEN = 2V at 25°C
13.3
mΩ
LS on state resistance
RDS_ON_LS
VEN = 2V at 25°C
3.8
mΩ
Current Limit
Current limit threshold
VLIM
1.15
1.2
1.25
V
ICS to IOUT ratio
ICS/IOUT
IOUT
≥ 2A
18
20
22
μA/A
Low-side negative current limit
ILIM_NEG
-9
A
Negative current limit time out
(7)
tNCL_Timer
200
ns
Switching Frequency
Switching frequency
fSW
MODE = GND, IOUT = 0A,
VOUT = 1V, TJ = 25°C
480
600
720
kHZ
MODE = 30.1k
Ω, IOUT = 0A,
VOUT = 1V, TJ = 25°C
680
800
920
kHZ
MODE = 60.4k
Ω, IOUT = 0A,
VOUT = 1V, TJ = 25°C
850
1000
1150
kHZ
Minimum on time (7)
tON_MIN
VFB = 500mV
50
ns
Minimum off time (7)
tOFF_MIN
VFB = 500mV
180
ns
Over-Voltage and Under-Voltage Protection
OVP threshold
VOVP
113%
116%
119%
VREF
UVP threshold
VUVP
77%
80%
83%
VREF
Feedback Voltage and Soft Start
Feedback voltage
VREF
TJ = -40°C to +125°C
594
600
606
mV
TJ = 0°C to 70°C
597
600
603
mV
TRK/REF sourcing current
ITRACK_Source
VTRK/REF = 0V
42
μA
TRK/REF sinking current
ITRACK_Sink
VTRK/REF = 1V
12
μA
Soft-start time
tSS
CTRACK = 1nF, TJ = 25°C
0.75
1
1.25
ms
Error Amplifier
Error amplifier offset
VOS
-3
0
+3
mV
Feedback current
IFB
VFB = REF
50
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com