Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8792 Datasheet(PDF) 13 Page - MPS Industries, Inc.

Part # MP8792
Description  16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8792 Datasheet(HTML) 13 Page - MPS Industries, Inc.

Back Button MP8792 Datasheet HTML 9Page - MPS Industries, Inc. MP8792 Datasheet HTML 10Page - MPS Industries, Inc. MP8792 Datasheet HTML 11Page - MPS Industries, Inc. MP8792 Datasheet HTML 12Page - MPS Industries, Inc. MP8792 Datasheet HTML 13Page - MPS Industries, Inc. MP8792 Datasheet HTML 14Page - MPS Industries, Inc. MP8792 Datasheet HTML 15Page - MPS Industries, Inc. MP8792 Datasheet HTML 16Page - MPS Industries, Inc. MP8792 Datasheet HTML 17Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP8792 – 16V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8792 Rev. 1.0
www.MonolithicPower.com
13
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
OPERATION
Constant-On-Time (COT) Control
The MP8792 employs constant-on-time (COT)
control to achieve fast load transient response.
Figure 2 shows the details of the
MP8792’s
control stage.
The operational amplifier (AMP) corrects any
voltage errors between the feedback voltage
(VFB) and the reference voltage (VREF). The
MP8792 can use AMP to provide excellent load
regulation over the whole load range in either
forced continuous conduction mode (CCM) or
pulse skip mode.
The dedicated VSNS- pin provides differential
output voltage remote sensing. The pair of
remote-sense traces should be kept at low
impedance for optimal performance.
The MP8792 has internal ramp compensation,
and it supports a low-ESR MLCC output
capacitor solution. The adaptive internal ramp is
optimized so that the MP8792 remains stable in
the whole operating input/output voltage range
with proper design of the output L/C filter.
Adaptive
Ramp
On
Timer
PWM
COMP +
VREF
FB
PWM
Comparator
VSNS-
AMP
VSENS+
VSENS-
Σ
+
L
COUT
VIN
PGND
SW
HS-FET
LS-FET
Figure 2: COT Control
PWM Operation
Figure 3 shows the generation of the pulse-
width modulation (PWM) signal. AMP corrects
any error between VFB and VREF, and generates
a smooth DC voltage (COMP). The internal
ramp
is
superimposed
onto
COMP.
The
superimposed COMP is compared with the FB
signal.
When
VFB
drops
below
the
superimposed COMP, the integrated high-side
MOSFET (HS-FET) turns on.
The HS-FET remains on for a fixed on time.
The fixed on time is determined by the input
voltage, output voltage, and selected switching
frequency. After the on time elapses, the HS-
FET turns off. It turns on again when VFB drops
below the superimposed COMP. By repeating
this operation, the MP8792 regulates the output
voltage.
To minimize conduction loss, the integrated
low-side MOSFET (LS-FET) turns on when the
HS-FET is off. A dead short occurs between
VIN and PGND if both the HS-FET and the LS-
FET are turned on at the same time. This is
called shoot-through. To avoid shoot-through, a
dead time (DT) is generated internally between
the HS-FET off period and the LS-FET on
period, or vice versa.
PWM
REF
RAMP
FB
COMP
tON
HS-FET
Driver
LS-FET
Driver
IL
IO
Figure 3: Heavy-Load Operation (PWM)
CCM Operation
Continuous conduction mode (CCM) occurs
when the output current is high, and the
inductor current is always above 0A (see Figure
2). The MP8792 can also be configured to
operate in forced CCM operation when the
output current is low (see the Mode Selection
section on page 14 for details).
In CCM operation, the switching frequency is
fairly constant (PWM mode), so the output
ripple remains constant throughout the load
range.
Pulse Skip Operation
Under light-load conditions, the MP8792 can be
configured to work in pulse skip mode to
optimize efficiency. When the load decreases,
the inductor current also decreases. Once the
inductor
current
reaches
zero,
the
part
transitions from CCM to pulse skip mode if the
MP8792 is configured to do so (see the Mode
Selection section on page 14 for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com