Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8792 Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # MP8792
Description  16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8792 Datasheet(HTML) 4 Page - MPS Industries, Inc.

  MP8792 Datasheet HTML 1Page - MPS Industries, Inc. MP8792 Datasheet HTML 2Page - MPS Industries, Inc. MP8792 Datasheet HTML 3Page - MPS Industries, Inc. MP8792 Datasheet HTML 4Page - MPS Industries, Inc. MP8792 Datasheet HTML 5Page - MPS Industries, Inc. MP8792 Datasheet HTML 6Page - MPS Industries, Inc. MP8792 Datasheet HTML 7Page - MPS Industries, Inc. MP8792 Datasheet HTML 8Page - MPS Industries, Inc. MP8792 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP8792 – 16V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8792 Rev. 1.0
www.MonolithicPower.com
4
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
BST
Bootstrap. Connect a capacitor between SW and BST to form a floating supply
across the high-side switch driver.
2
AGND
Analog ground. Select AGND as the control circuit reference point.
3
CS
Current limit. Connect a resistor to ground to set the current limit trip point.
4
MODE
Operation mode selection. Program MODE to select CCM, pulse skip mode, and
the operating switching frequency. See Table 1 on page 14 for additional details.
5
TRK/REF
External tracking voltage input. The output voltage tracks this input signal.
Decouple TRK/REF with a ceramic capacitor as close to the pin as possible. X7R or
X5R grade dielectric ceramic capacitors are recommended for their stable
temperature characteristics. The capacitance determines the soft-start time. See
Equation 2 on page 14 for additional details.
6
VSNS-
Differential remote-sense negative input. Connect VSNS- directly to the negative
side of the voltage sense point. Short to GND if remote sense is not used.
7
FB
Feedback (differential remote-sense positive input). An external resistor divider
from the output to VSNS- (tapped to FB) sets the output voltage. It is recommended
to place the resistor divider as close to FB as possible. Avoid placing vias on the FB
traces.
8
EN
Enable. EN is an input signal that turns the regulator on or off. Drive EN high to turn
the regulator on; drive EN low to turn it off. Connect EN to VIN through a pull-up
resistor or a resistive voltage divider for automatic start-up. Do not float EN.
9
PGOOD
Power good output. This is an open-drain signal. A pull-up resistor connected to a
DC voltage is required to indicate if the output voltage is within regulation. There is a
delay of about 1ms from when the FB voltage becomes greater than or equal to
92.5% of the reference voltage and the time PGOOD pulls high.
10, 21
VIN
Input voltage. VIN supplies power for the internal MOSFET and regulator. Input
capacitors are required to decouple the input rail. Use wide PCB traces to make the
connection.
11
–18
PGND
System ground. PGND is the reference ground of the regulated output voltage, and
it should be considered while designing the PCB layout. Use wide PCB traces to
make the connection.
19
VCC
Internal 3V LDO output. The driver and control circuits are powered from this
voltage. Decouple VCC with a minimum 1µF ceramic capacitor, placed as close to
VCC as possible. X7R or X5R grade dielectric ceramic capacitors are recommended
for their stable temperature characteristics.
20
SW
Switch output. Connect SW to the inductor and bootstrap capacitor. SW is driven up
to VIN by the high-side switch during the on time of the PWM duty cycle. The inductor
current drives SW low during the off time. Use wide PCB traces to make the
connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com