Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSM3501 Datasheet (PDF) - Reed Semiconductor Corp.

RSM3501 Datasheet PDF - Reed Semiconductor Corp.
Part # RSM3501
Download  RSM3501 Download
File Size   110.4 Kbytes
Page   1 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description High Efficiency, No-Isolated, Fixed 8:1 Ratio, 400W Digital DC/DC Power Module

RSM3501 Datasheet (PDF)

Go To PDF Page Download Datasheet
RSM3501 Datasheet PDF - Reed Semiconductor Corp.

Part # RSM3501
Download  RSM3501 Click to download

File Size   110.4 Kbytes
Page   1 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description High Efficiency, No-Isolated, Fixed 8:1 Ratio, 400W Digital DC/DC Power Module

RSM3501 Datasheet (HTML) - Reed Semiconductor Corp.


RSM3501 Product details

Features
• 40 to 60V Input Voltage Range
• 5 to 7.5V Output Voltage Range
• Up to 400W Continuous Output Power
• Up to 600W Transient Output Power
• Up to 97.5% Efficiency
• Parallel Operation for Multi-kW Arrays
• Configuration and Monitoring via PMBus
• Auto-Recovery Mode for UVP, OTP, OCP
• 27mm x 18mm x 6.4mm SMD Package
• Reflow Soldering (MSL rating of 3)




Similar Part No. - RSM3501

ManufacturerPart #DatasheetDescription
logo
Reed Semiconductor Corp...
RSM3502 REED-RSM3502 Datasheet
102Kb / 1P
High Efficiency, No-Isolated, Fixed 4:1 Ratio, 1000W Digital DC/DC Power Module
RSM3503 REED-RSM3503 Datasheet
242Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1600W, Digital DC/DC Intermediate Bus Converter
RSM3503LDH REED-RSM3503LDH Datasheet
242Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1600W, Digital DC/DC Intermediate Bus Converter
RSM3503LDO REED-RSM3503LDO Datasheet
242Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1600W, Digital DC/DC Intermediate Bus Converter
RSM3503LEH REED-RSM3503LEH Datasheet
242Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1600W, Digital DC/DC Intermediate Bus Converter
More results


Similar Description - RSM3501

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
Isolated, Fixed-Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
Isolated Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
Isolated Fixed-Ratio DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com