Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSM3503LEH Datasheet (PDF) - Reed Semiconductor Corp.

RSM3503LEH Datasheet PDF - Reed Semiconductor Corp.
Part # RSM3503LEH
Download  RSM3503LEH Download
File Size   242.14 Kbytes
Page   2 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description High Efficiency, Non-Isolated, Regulated 12V, 1600W, Digital DC/DC Intermediate Bus Converter

RSM3503LEH Datasheet (PDF)

Go To PDF Page Download Datasheet
RSM3503LEH Datasheet PDF - Reed Semiconductor Corp.

Part # RSM3503LEH
Download  RSM3503LEH Click to download

File Size   242.14 Kbytes
Page   2 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description High Efficiency, Non-Isolated, Regulated 12V, 1600W, Digital DC/DC Intermediate Bus Converter

RSM3503LEH Datasheet (HTML) - Reed Semiconductor Corp.


RSM3503LEH Product details

Features
 40 to 60V Input Voltage Range
 12V Regulated Output Voltage
 Up to 1600W Continuous Output Power
 Up to 2400W Transient Output Power
 Up to 98.3% Efficiency
 Parallel Operation for Multi-kW Arrays
 Configuration and Monitoring via PMBus
 58.4mm x 36.8mm x 12.7mm
 Wave and Reflow Soldering (MSL3)
 UL62368-1, 2nd Pending.




Similar Part No. - RSM3503LEH

ManufacturerPart #DatasheetDescription
logo
Reed Semiconductor Corp...
RSM3501 REED-RSM3501 Datasheet
110Kb / 1P
High Efficiency, No-Isolated, Fixed 8:1 Ratio, 400W Digital DC/DC Power Module
RSM3502 REED-RSM3502 Datasheet
102Kb / 1P
High Efficiency, No-Isolated, Fixed 4:1 Ratio, 1000W Digital DC/DC Power Module
RSM3505 REED-RSM3505 Datasheet
248Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1300W, Digital DC/DC Intermediate Bus Converter
RSM3505LDH REED-RSM3505LDH Datasheet
248Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1300W, Digital DC/DC Intermediate Bus Converter
RSM3505LEH REED-RSM3505LEH Datasheet
248Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1300W, Digital DC/DC Intermediate Bus Converter
More results


Similar Description - RSM3503LEH

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EC2630QI ENPIRION-EC2630QI Datasheet
107Kb / 2P
12V DC-DC Intermediate Voltage Bus Converter, 27W and 4A
logo
Murata Power Solutions ...
DRQ-12-50-L48 MURATA-PS-DRQ-12-50-L48 Datasheet
819Kb / 26P
600W Digital Fully Regulated Intermediate DC-DC Bus Converter
DRQ-12-42-D48 MURATA-PS-DRQ-12-42-D48 Datasheet
764Kb / 24P
500W Digital Fully Regulated Intermediate DC-DC Bus Converter
logo
Vicor Corporation
DCM3623X50M04A2YZZ VICOR-DCM3623X50M04A2YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50T17A6YZZ VICOR-DCM3623X50T17A6YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50T31A6YZZ VICOR-DCM3623X50T31A6YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
logo
Mean Well Enterprises C...
NID35 MEANWELL-NID35 Datasheet
1Mb / 3P
35W DC-DC Non-Isolated Regulated Converter
logo
Murata Manufacturing Co...
DBE MURATA1-DBE Datasheet
1Mb / 34P
Up to 300W Digital Fully Regulated Intermediate DC-DC Bus Converter
DBQ0135V2 MURATA1-DBQ0135V2 Datasheet
4Mb / 37P
420W Digital Fully Regulated Intermediate DC-DC Bus Converter
2021
logo
Mean Well Enterprises C...
NID100-4.2 MEANWELL-NID100-4.2 Datasheet
570Kb / 3P
100W DC-DC Non-Isolated Regulated Converter
2022-11-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com